Electronic Components Datasheet Search
  English  ▼

X  

OPB917 Datasheet(PDF) 4 Page - TT Electronics.

Part # OPB917
Description  Slotted Optical Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPB917 Datasheet(HTML) 4 Page - TT Electronics.

  OPB917 Datasheet HTML 1Page - TT Electronics. OPB917 Datasheet HTML 2Page - TT Electronics. OPB917 Datasheet HTML 3Page - TT Electronics. OPB917 Datasheet HTML 4Page - TT Electronics. OPB917 Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IF(+)/IF(-)
Hysteresis
-
1.5
-
-
VCC = 5 V
trtf
Rise Time, Fall Time
-
50
-
ns
VCC = 5 V, IF = 0 or 10 mA,
RL = 300 Ω to 5 V, CL = 50 pF
tPLHtPHL
Propagation Delay
-
3
-
µs
VCC = 5 V, IF = 0 or 10 mA,
RL = 300 Ω to 5 V, CL = 50 pF
Notes:
(1) Normal application would be with light source blocked, simulated by IF = 0 mA.
(2) All parameters tested using pulse technique.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com