Electronic Components Datasheet Search
  English  ▼

X  

TLE4290D Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE4290D
Description  5-V Low-Drop Voltage Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4290D Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE4290D Datasheet HTML 1Page - Infineon Technologies AG TLE4290D Datasheet HTML 2Page - Infineon Technologies AG TLE4290D Datasheet HTML 3Page - Infineon Technologies AG TLE4290D Datasheet HTML 4Page - Infineon Technologies AG TLE4290D Datasheet HTML 5Page - Infineon Technologies AG TLE4290D Datasheet HTML 6Page - Infineon Technologies AG TLE4290D Datasheet HTML 7Page - Infineon Technologies AG TLE4290D Datasheet HTML 8Page - Infineon Technologies AG TLE4290D Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Data Sheet Rev. 1.4
1
2001-10-18
5-V Low-Drop Voltage Regulator
TLE 4290
P-TO252-5-1
P-TO263-5-1
P-TO220-5-11
Features
• Output voltage 5 V
± 2%
• Very low current consumption
• 450 mA current capability
• Power Good Feature
• Very low-drop voltage
• Short-circuit-proof
• Reverse polarity proof
• Suitable for use in automotive electronics
• New type
Functional Description
The TLE 4290 is a monolithic integrated low-drop
voltage regulator which can supply loads up to 450 mA
with power good feature. An input voltage up to 42 V is
regulated to
V
Q,nom = 5.0 V. The device is designed to
supply
µ-controllers in the severe environment of
automotive applications. Therefore it is protected
against overload, short circuit and over temperature
conditions. Of course the TLE 4290 can been used also
in all other applications, where a stabilized 5 V voltage is
required.
Type
Ordering Code
Package
• TLE 4290 D Q67006-A9408
P-TO252-5-1 (SMD)
• TLE 4290 G Q67006-A9405
P-TO263-5-1 (SMD)
• TLE 4290
Q67000-A9407
P-TO220-5-11


Similar Part No. - TLE4290D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4290D INFINEON-TLE4290D Datasheet
479Kb / 17P
5-V Low Drop Voltage Regulator
Rev. 1.7, 2007-03-20
More results

Similar Description - TLE4290D

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4263 SIEMENS-TLE4263 Datasheet
104Kb / 16P
5-V Low-Drop Voltage Regulator
TLE4265 SIEMENS-TLE4265 Datasheet
65Kb / 11P
5-V Low-Drop Voltage Regulator
logo
Integral Corp.
ILE4267 INTEGRAL-ILE4267 Datasheet
208Kb / 11P
5-V Low-Drop Voltage Regulator
logo
IK Semicon Co., Ltd
ILE4267 IKSEMICON-ILE4267 Datasheet
244Kb / 10P
5-V Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4262 INFINEON-TLE4262 Datasheet
246Kb / 16P
5-V Low Drop Voltage Regulator
Rev. 2.8, 2008-05-19
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
TLE4263 INFINEON-TLE4263_07 Datasheet
425Kb / 19P
5-V Low Drop Voltage Regulator
Rev. 2.8, 2007-03-20
TLE4290 INFINEON-TLE4290_07 Datasheet
479Kb / 17P
5-V Low Drop Voltage Regulator
Rev. 1.7, 2007-03-20
TLE4267 INFINEON-TLE4267_12 Datasheet
871Kb / 23P
5-V Low Drop Voltage Regulator
2012-01-20 revision:2.51
TLE4263-2GS INFINEON-TLE4263-2GS Datasheet
711Kb / 20P
5 V low drop voltage regulator
Rev. 1.0 2023-07-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com