Electronic Components Datasheet Search
  English  ▼

X  

TLE4290G Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE4290G
Description  5-V Low-Drop Voltage Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4290G Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE4290G Datasheet HTML 2Page - Infineon Technologies AG TLE4290G Datasheet HTML 3Page - Infineon Technologies AG TLE4290G Datasheet HTML 4Page - Infineon Technologies AG TLE4290G Datasheet HTML 5Page - Infineon Technologies AG TLE4290G Datasheet HTML 6Page - Infineon Technologies AG TLE4290G Datasheet HTML 7Page - Infineon Technologies AG TLE4290G Datasheet HTML 8Page - Infineon Technologies AG TLE4290G Datasheet HTML 9Page - Infineon Technologies AG TLE4290G Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
TLE 4290
Data Sheet Rev. 1.4
6
2001-10-18
Characteristics
V
I = 13.5 V; – 40 °C< Tj <150 °C (unless otherwise specified)
Parameter
Symbol
Limit Values
Unit
Measuring
Condition
min.
typ.
max.
Output
Output voltage
V
Q
4.9
5.0
5.1
V
5mA<
I
Q <400 mA;
6V<
V
I <28V
Output voltage
V
Q
4.9
5.0
5.1
V
5mA<
I
Q <200 mA;
6V<
V
I <40V
Output current limitation
I
Q
450
700
–
mA
1)
Current consumption;
I
q = II – IQ
I
q
–
200
230
µA
I
Q =1mA;
T
j =25 °C
Current consumption;
I
q = II – IQ
I
q
–
200
255
µA
I
Q =1mA;
T
j ≤ 85 °C
Current consumption;
I
q = II – IQ
I
q
–
512
mA
I
Q =250 mA
Current consumption;
I
q = II – IQ
I
q
–
12
25
mA
I
Q =400 mA
Drop voltage
V
dr
–
250
500
mV
I
Q =300 mA
V
dr = VI – VQ
1)
Load regulation
∆V
Q, lo
– 30
15
30
mV
V
I =6 V;
I
Q = 5 mA to 400 mA
Line regulation
∆V
Q, li
– 15
5
15
mV
V
l = 8 V to 32 V;
I
Q =5mA
Power supply ripple
rejection
PSRR
–
60
–
dB
f
r =100 Hz;
V
r =0.5 Vpp
Temperature output
voltage drift
–
0.5
–
mV/K –
Output Capacitor
C
Q
22
––
µFESR < 5 Ω in the
operation range
Power Good Output PG and Delay Timing D
Power Good switching
threshold
V
Q,pgt-i
4.45
4.65
4.80
V
V
Q increasing
dV
Q
dT
-----------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com