Electronic Components Datasheet Search
  English  ▼

X  

IPD068P03L3 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # IPD068P03L3
Description  P-Channel MOSFET Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IPD068P03L3 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  IPD068P03L3 Datasheet HTML 1Page - Inchange Semiconductor Company Limited IPD068P03L3 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc P-Channel MOSFET Transistor
IPD068P03L3,IIPD068P03L3
·
FEATURES
·
Static drain-source on-resistance:
RDS(on)≤6.8mΩ
·
Enhancement mode:
·
100% avalanche tested
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
·
DESCRITION
·
175°C operating junction temperature
·
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage
-30
V
VGS
Gate-Source Voltage
±
20
V
ID
Drain Current-Continuous
-70
A
IDM
Drain Current-Single Pulsed
-280
A
PD
Total Dissipation @TC=25℃
100
W
Tj
Max. Operating Junction Temperature
175
℃
Tstg
Storage Temperature
-55~175
℃
·
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth(j-c)
Channel-to-case thermal resistance
1.5
℃
/W
Rth(j-a)
Channel-to-ambient thermal resistance
50
℃
/W


Similar Part No. - IPD068P03L3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD068P03L3G INFINEON-IPD068P03L3G Datasheet
314Kb / 9P
OptiMOSTM P3 Power-Transistor
Rev. 2.0 2009-05-27
IPD068P03L3G INFINEON-IPD068P03L3G Datasheet
563Kb / 9P
single P-Channel in DPAK
Rev. 2.1 2014-05-16
logo
Guangdong Youtai Semico...
IPD068P03L3G UMW-IPD068P03L3G Datasheet
649Kb / 8P
-30V P-Channel MOSFET
logo
TECH PUBLIC Electronics...
IPD068P03L3G-TP TECHPUBLIC-IPD068P03L3G-TP Datasheet
2Mb / 5P
P-Channel Enhancement Mode MOSFET
logo
Infineon Technologies A...
IPD068P03L3G INFINEON-IPD068P03L3G_14 Datasheet
563Kb / 9P
single P-Channel in DPAK
Rev. 2.1 2014-05-16
More results

Similar Description - IPD068P03L3

ManufacturerPart #DatasheetDescription
logo
International Rectifier
2N7519 IRF-2N7519 Datasheet
18Kb / 1P
MOSFET Transistor P-Channel
logo
Inchange Semiconductor ...
IRF9Z34N ISC-IRF9Z34N Datasheet
335Kb / 2P
P-Channel MOSFET Transistor
IRF5210 ISC-IRF5210 Datasheet
334Kb / 2P
P-Channel MOSFET Transistor
IRF5305 ISC-IRF5305 Datasheet
334Kb / 2P
P-Channel MOSFET Transistor
IRF6218 ISC-IRF6218 Datasheet
333Kb / 2P
P-Channel MOSFET Transistor
IRF9530N ISC-IRF9530N Datasheet
335Kb / 2P
P-Channel MOSFET Transistor
IRF9540N ISC-IRF9540N Datasheet
334Kb / 2P
P-Channel MOSFET Transistor
SPP80P06P ISC-SPP80P06P Datasheet
334Kb / 2P
P-Channel MOSFET Transistor
SPP15P10P ISC-SPP15P10P Datasheet
334Kb / 2P
P-Channel MOSFET Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com