Electronic Components Datasheet Search
  English  ▼

X  

TLN233 Datasheet(PDF) 1 Page - Torex Semiconductor

Part # TLN233
Description  TOSHIBA Infrared LED GaALAs Infrared Emitter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

TLN233 Datasheet(HTML) 1 Page - Torex Semiconductor

  TLN233 Datasheet HTML 1Page - Torex Semiconductor TLN233 Datasheet HTML 2Page - Torex Semiconductor TLN233 Datasheet HTML 3Page - Torex Semiconductor TLN233 Datasheet HTML 4Page - Torex Semiconductor TLN233 Datasheet HTML 5Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TLN233
2002-01-17
1
TOSHIBA Infrared LED GaAℓAs Infrared Emitter
TLN233
Infrared LED for Space-Optical-Transmission
· High radiant intensity: 80 mW/sr (typ.) at IF = 50 mA
· Half-angle value: θ1/2 = ±13° (typ.)
· A light source for remote control
· Wireless AV-signal transmission purpose
· High speed data transmission purpose
Maximum Ratings (Ta
==== 25°C)
Characteristics
Symbol
Rating
Unit
Forward current
IF
100
mA
Pulse forward current
IFP
1000
(Note 1)
mA
Power dissipation
PD
200
mW
Reverse voltage
VR
4
V
Operating temperature range
Topr
-25~85
°C
Storage temperature range
Tstg
-30~100
°C
Soldering temperature (5 s), (Note 2)
Tsol
260
°C
Note 1: f
= 100 kHz, duty = 1%
Note 2: Soldering must be performed under the stopper.
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
4-5V3
Pin Connection
12
1. Anode
2. Cathode


Similar Part No. - TLN233

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLN233 TOSHIBA-TLN233 Datasheet
164Kb / 5P
Infrared LED for Space-Optical-Transmission
TLN233F TOSHIBA-TLN233F Datasheet
164Kb / 5P
Infrared LED for Space-Optical-Transmission
More results

Similar Description - TLN233

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH480-1 SIEMENS-SFH480-1 Datasheet
81Kb / 2P
GaAlAs INFRARED EMITTER
SFH484-1 SIEMENS-SFH484-1 Datasheet
84Kb / 2P
GaAlAs INFRARED EMITTER
SFH485 SIEMENS-SFH485 Datasheet
123Kb / 1P
GaAlAs INFRARED EMITTER
SFH487P-1 SIEMENS-SFH487P-1 Datasheet
147Kb / 2P
GaAlAs INFRARED EMITTER
logo
OPTEK Technologies
OPE5794 OPTEK-OPE5794 Datasheet
117Kb / 2P
GaAlAs Infrared Emitter
logo
Toshiba Semiconductor
TLN105B TOSHIBA-TLN105B Datasheet
291Kb / 6P
TOSHIBA INFRARED LED GAAS INFRARED EMITTER
TLN102 TOSHIBA-TLN102 Datasheet
250Kb / 5P
TOSHIBA INFRARED LED GaAs INFRARED EMITTER
logo
List of Unclassifed Man...
OPE6794WK ETC1-OPE6794WK Datasheet
192Kb / 2P
GaAlAs Infrared Emitter
logo
Toshiba Semiconductor
TLN117 TOSHIBA-TLN117 Datasheet
245Kb / 5P
TOSHIBA INFRARED LED GAAS INFRAED EMITTER
logo
OSRAM GmbH
SFH-486 OSRAM-SFH-486 Datasheet
166Kb / 12P
GaAlAs Infrared Emitter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com