Electronic Components Datasheet Search
  English  ▼

X  

OPB950Z Datasheet(PDF) 2 Page - TT Electronics.

Part # OPB950Z
Description  Dual Channel Encoder
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPB950Z Datasheet(HTML) 2 Page - TT Electronics.

  OPB950Z Datasheet HTML 1Page - TT Electronics. OPB950Z Datasheet HTML 2Page - TT Electronics. OPB950Z Datasheet HTML 3Page - TT Electronics. OPB950Z Datasheet HTML 4Page - TT Electronics. OPB950Z Datasheet HTML 5Page - TT Electronics. OPB950Z Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
© TT electronics plc
Issue A
11/2016
Page 2
TT Electronics | Optek Technology, Inc.
1645 Wallace Drive, Ste. 130, Carrollton, TX USA 75006 |Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Photologic® Dual Channel
Encoder
OPB950Z, OPB951
Electrical Specifications
Absolute Maximum Ratings (TA=25°C unless otherwise noted)
Storage & Operating Temperature Range
-40°C to +85° C
Input Diode
Forward DC Current
50 mA
Reverse DC Voltage
2.0 V
Power Dissipation
(1)
100 mW
Output Photologic®
Supply Voltage, VCC
OPB950Z / OPB951
5.5 V / 16 V
Voltage at Output
16 V
Power Dissipation
(2)
200 mW
Sinking Output Current
40 mA
Electrical Characteristics (TA = 25°C and Vcc = +5 Volts unless otherwise noted )
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input LED OPB951 (see op240 for additional information)
VF
Forward Voltage
-
-
1.80
V
IF = 20 mA
IR
Reverse Current
-
-
100
µA
VR= 2.0 V
λP
Wavelength at Peak Emission
-
890
-
nm
IF = 10 mA
Output Photologic® Sensor (see OPL583 for additional information)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
VCC
Operating Supply Voltage
(4)
4.5
-
16
V
-
EET
(+)
/EET
(-)
Hysteresis Ratio
1.1
1.5
2
-
-
MATCH
Channel Match
EET
(+ A) / EET(+ B)
0.67
1
1.5
-
-
ICCL
Supply Current, Both Outputs Low
(LED On, No Target)
-
8.5
12
mA
EE = 0.5 mW/cm
2 (no load on output)
ICCH
Supply Current, Both Outputs High
(LED Off)
-
3.5
6
mA
EE = 0 mW/cm
2 (no load on output)
ICCM
Supply Current, Mixed Output States
(one high, one low)
-
6
-
mA
EE = 0 mW/cm
2 and 0.5 mW/cm2
Ioh
High Level Output Current
-
1
30
µA
EE = 0 mW/cm
2 , VOH = 16 V
VOL
Low Level Output Voltage
-
0.21
0.4
V
EE = 0 mW/cm
2 , IOL = 12.8 mA
TPHL
TPLH
Propagation Delay
Output High to Low
Output Low to HIgh
-
2
10
-
µs
µs
VCC = 5 V, RL = 360 Ω
EE = 0 or 0.5 mW/cm
2 , f = 10 kHz, D.C. =
50%
tr
tf
Output Rise Time
Output Fall Time
-
20
15
-
ns
ns
-



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com