Electronic Components Datasheet Search
  English  ▼

X  

OPB951 Datasheet(PDF) 4 Page - TT Electronics.

Part # OPB951
Description  Dual Channel Encoder
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPB951 Datasheet(HTML) 4 Page - TT Electronics.

  OPB951 Datasheet HTML 1Page - TT Electronics. OPB951 Datasheet HTML 2Page - TT Electronics. OPB951 Datasheet HTML 3Page - TT Electronics. OPB951 Datasheet HTML 4Page - TT Electronics. OPB951 Datasheet HTML 5Page - TT Electronics. OPB951 Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
© TT electronics plc
Issue A
11/2016
Page 4
TT Electronics | Optek Technology, Inc.
1645 Wallace Drive, Ste. 130, Carrollton, TX USA 75006 |Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Photologic® Dual Channel
Encoder
OPB950Z, OPB951
Performance
Propagation Delay vs Ambient Temperature
0
5
10
15
20
-50
-25
0
25
50
75
100
TA - Ambient Temperature (°C)
Amplitude = 0.5 mW/cm2
VCC = 5 V
RL = 360 Ώ
λ = 890 nm
f = 10 kHz
Duty Cycle = 50%
tPLH
tPHL
Rise and Fall Time vs Ambient Temperature
vs Output Load
0
50
100
150
200
250
-50
-25
0
25
50
75
100
TA - Ambient Temperature (°C)
VCC = 5 V
λ = 890 nm
f = 10 kHz
tr, RL = 2 KΏ
Amplitude = 0.5 mW/cm2
tr, RL = 1 KΏ
tr, RL = 360 Ώ
tf, RL = 360 Ώ, 1 k Ώ, 2 kΏ
1
0
1
0
0
0
1
1
1
1
0
0
0
1
0
1
Ch-B
Ch-A
0.070 [1.78]
0.090 [2.27]
0.150 [3.81]
Ideal Target Size & Spacing
For Linear or Circular Targets
Sensor Output(s)
Please consult OPTEK for target design and
sensor location relative to the target.
Dimensions are in inches [millimeters]



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com