Electronic Components Datasheet Search
  English  ▼

X  

TLP197G Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP197G
Description  TOSHIBA Photocoupler GaAs Ired & Photo-MOS FET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP197G Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP197G Datasheet HTML 1Page - Toshiba Semiconductor TLP197G Datasheet HTML 2Page - Toshiba Semiconductor TLP197G Datasheet HTML 3Page - Toshiba Semiconductor TLP197G Datasheet HTML 4Page - Toshiba Semiconductor TLP197G Datasheet HTML 5Page - Toshiba Semiconductor TLP197G Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TLP197G
2002-09-25
3
Individual Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF=10mA
1.0
1.15
1.3
V
Reverse current
IR
VR=5V
¾
¾
10
mA
Capacitance
CT
V
=0, f=1MHz
¾
30
¾
pF
Off
-state current
IOFF
VOFF=350V
¾
¾
1
mA
Capacitance
COFF
V
=0, f=1MHz
¾
40
¾
pF
Coupled Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Trigger LED current
IFT
ION=120mA
¾
1
3
mA
ION=120mA, IF=5mA
¾
22
35
On
-state resistance
A
connection
RON
ION=20~120mA,
IF=5mA
¾
26
40
W
Isolation Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Capacitance input to output
CS
VS=0, f=1MHz
¾
0.8
¾
pF
Isolation resistance
RS
VS=500V, R.H. <= 60%
5
´10
10
10
14
¾
W
AC,1minute
1500
¾
¾
AC,1second (in oil)
¾
3000
¾
Vrms
Isolation voltage
BVS
DC,1minute (in oil)
¾
3000
¾
Vdc
Switching Characteristics (Ta
= 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Turn
-on time
tON
¾
0.3
1
Turn
-off time
tOFF
RL=200W
(Note 2)
VCC=20V, IF=5mA
¾
0.1
1
ms
(Note2): Switching time test circuit
IF
tON
tOFF
10%
90%
VOUT
1
VCC
VOUT
RL
4
IF
6
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com