Electronic Components Datasheet Search
  English  ▼

X  

LTL307GC5D Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # LTL307GC5D
Description  Through Hole Lamp
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL307GC5D Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  LTL307GC5D Datasheet HTML 1Page - Lite-On Technology Corporation LTL307GC5D Datasheet HTML 2Page - Lite-On Technology Corporation LTL307GC5D Datasheet HTML 3Page - Lite-On Technology Corporation LTL307GC5D Datasheet HTML 4Page - Lite-On Technology Corporation LTL307GC5D Datasheet HTML 5Page - Lite-On Technology Corporation LTL307GC5D Datasheet HTML 6Page - Lite-On Technology Corporation LTL307GC5D Datasheet HTML 7Page - Lite-On Technology Corporation LTL307GC5D Datasheet HTML 8Page - Lite-On Technology Corporation LTL307GC5D Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Features
* Lead (Pb) free product – RoHS compliant.
* Halogen free product (Cl < 900 ppm, Br < 900 ppm, and Cl + Br < 1500 ppm ).
* High luminous intensity output.
* Low power consumption.
* High efficiency.
* Versatile mounting on P.C. Board or panel.
* I.C. Compatible/low current requirement.
* Popular T-13/4 diameter.
.
Package
Dimensions
Part No.
Lens
Source Color
LTL307GC5D
Green Diffused
AlInGaP Green
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25mm(.010") unless otherwise noted.
3. Protruded resin under flange is 0.6 mm(.024") max.
4. Lead spacing is measured where the leads emerge from the package.
5. Specifications are subject to change without notice.
Part
No. : LTL307GC5D
Page :
1
of
10
BNS-OD-C131/A4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com