Electronic Components Datasheet Search
  English  ▼

X  

TLP591B Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP591B
Description  TOSHIBA Photocoupler GaALAs Ired & Photo-Diode Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP591B Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP591B Datasheet HTML 1Page - Toshiba Semiconductor TLP591B Datasheet HTML 2Page - Toshiba Semiconductor TLP591B Datasheet HTML 3Page - Toshiba Semiconductor TLP591B Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TLP591B
2002-09-25
2
Recommended Operating Conditions
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Forward current
IF
―
20
25
mA
Operating temperature
Topr
-25
―
85
°C
Individual Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF = 10 mA
1.2
1.4
1.7
V
Reverse current
IR
VR = 3 V
—
—
10
µA
Capacitance
CT
V = 0, f = 1 MHz
—
30
60
pF
Forward voltage
VFD
IFD = 10 µA
—
7
—
V
Reverse current
IRD
VRD = 10 V
—
7
—
µA
Capacitance
(anode to cachode)
CTD
V = 0, f = 1 MHz
—
—
—
pF
Coupled Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Open voltage
VOC
IF = 20 mA
7
8
—
V
Short Current
ISC
IF = 20 mA
24
40
—
µA
Isolation Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Capacitance (input to output)
CS
VS = 0, f = 1 MHz
—
0.8
—
pF
Isolation resistance
RS
VS = 500 V
5×10
10
10
14
—
AC, 1 minute
2500
—
—
AC, 1 second, in oil
—
5000
—
Vrms
Isolation voltage
BVS
DC, 1 minute, in oil
—
5000
—
Vdc
Switching Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Turn
-on time
ton
—
0.2
—
ms
Turn
-off time
toff
IF = 20 mA, CL = 1000pF
(Fig. 1)
—
3
—
ms
Fig. 1 Switching time test circuit
IF
tOFF
tON
vOUT
1V
5V
0V
vOUT
CL
IF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com