Electronic Components Datasheet Search
  English  ▼

X  

1SS372 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 1SS372
Description  100 mA Schottky Barrier Diode10 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1SS372 Datasheet(HTML) 1 Page - Micro Commercial Components

  1SS372 Datasheet HTML 1Page - Micro Commercial Components 1SS372 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1SS372
100 mA
Schottky Barrier Diode
10 Volts
Features
•
High reliability
•
Low Forward Voltage
Maximum Ratings
Symbol
Parameter
Rating
Unit
VRM
Peak Reverse Voltage
10
V
IF
Forward Current
100
mA
IFSM
Peak Forward Surge Current@10ms
1
A
TJ
Junction Temperature
-55 to +125
TSTG
Storage Temperature
-55 to +150
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
OFF CHARACTERISTICS
VF
Forward Voltage
(IF=1mAdc)
---
0.18
IR
Reverse Current
(VR=10Vdc)
---
---
20
µAdc
CD
Diode Capacitance
(VR=0V, f=1MHz)
---
---
40
pF
Revision: A
2014/06/18
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
TM
Micro Commercial Components
---
SOT-323
Suggested Solder
Pad Layout
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.071
.087
1.80
2.20
B
.045
.053
1.15
1.35
C
.083
.096
2.10
2.45
D
.026 Nominal
0.65Nominal
E
.047
.055
1.20
1.40
F
.012
.016
.30
.40
G
.000
.004
.000
.100
H
.035
.039
.90
1.00
J
.004
.010
.100
.250
K
.006
.016
.15
.40
A
C
B
D
E
F
G
H
J
1.90
0.70
0.90
0.65
0.65
DIMENSIONS
K
Marking:N9
www.mccsemi.com
1 of 2
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Lead Free Finish/Rohs Compliant ("P"Suffix designates
Compliant. See ordering information)
•
Halogen free available upon request by adding suffix "-HF"
IFM
Peak Forward Current
200
mA
PD
Power Dissipation
100
mW
RthJA
ThermalResistanceFromJunctionToAmbient
1000
oC/W
VBR
Reverse Current
(IR=100
µAdc)
10
---
---
Vdc
(VR=5mAdc)
---
0.3
---
Vdc
(VR=100mAdc)
---
---
0.5


Similar Part No. - 1SS372

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS372 TOSHIBA-1SS372 Datasheet
121Kb / 2P
DIODE (HIGH SPEED SWITCHING APPLICATION)
05-Jul-2007
logo
Galaxy Semi-Conductor H...
1SS372 BILIN-1SS372 Datasheet
111Kb / 2P
Schottky Barrier Diode
Rev.A
logo
Guangdong Kexin Industr...
1SS372 KEXIN-1SS372 Datasheet
43Kb / 1P
HIGH SPEED SWITCHING DIODE
logo
Shenzhen Jin Yu Semicon...
1SS372 HTSEMI-1SS372 Datasheet
241Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shenzhen Luguang Electr...
1SS372 LUGUANG-1SS372 Datasheet
247Kb / 1P
Schottky Barrier Diodes
More results

Similar Description - 1SS372

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
RB520G-30 MCC-RB520G-30 Datasheet
217Kb / 3P
100 mA Schottky Barrier Diode 30 Volts
RB521G-30 MCC-RB521G-30 Datasheet
195Kb / 3P
100 mA Schottky Barrier Diode 30 Volts
RB521S-30LP MCC-RB521S-30LP Datasheet
322Kb / 3P
100 mA Schottky Rectifier 30 Volts
RB520G-30 MCC-RB520G-30_13 Datasheet
244Kb / 3P
100 mA Schottky Barrier Diode 30 Volts
RB520S-30DP MCC-RB520S-30DP_16 Datasheet
313Kb / 3P
100 mA Schottky Barrier Diode 30 Volts
RB520S-30EP MCC-RB520S-30EP Datasheet
407Kb / 3P
100 mA Schottky Barrier Diode 30 Volts
RB520S-30L2 MCC-RB520S-30L2 Datasheet
276Kb / 3P
100 mA Schottky Rectifier 30 Volts
RB520S-30LP MCC-RB520S-30LP_13 Datasheet
269Kb / 3P
100 mA Schottky Rectifier 30 Volts
RB521G-30 MCC-RB521G-30_13 Datasheet
226Kb / 3P
100 mA Schottky Barrier Diode 30 Volts
RB521S-30DP MCC-RB521S-30DP_17 Datasheet
318Kb / 3P
100 mA Schottky Barrier Diode 30 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com