Electronic Components Datasheet Search
  English  ▼

X  

1SA0 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 1SA0
Description  1.0 Amp Schottky Barrier Rectifier 20 to 100 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1SA0 Datasheet(HTML) 1 Page - Micro Commercial Components

  1SA0 Datasheet HTML 1Page - Micro Commercial Components 1SA0 Datasheet HTML 2Page - Micro Commercial Components 1SA0 Datasheet HTML 3Page - Micro Commercial Components 1SA0 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1S20
THRU
1SA0
1.0 Amp Schottky
Barrier Rectifier
20 to 100 Volts
Features
• High surge capability
•
Operating Temperature: -55
°C to +125°C
•
Storage Temperature: -55
°C to +125°C
•
Maximum Thermal Resistance: 50
oC/W Junction to Lead
MCC
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum DC
Blocking
Voltage
1S20
20V
14V
20V
1S30
30V
21V
30V
1S40
40V
28V
40V
1S50
50V
35V
50V
1S60
60V
42V
60V
1S80
80V
56V
80V
1SA0
100V
70V
100V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0 A
TC = 75
°C
Peak Forward Surge
Current
IFSM
35A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
1S20-1S40
1S50-1S60
1S80-1SA0
VF
0.55V
0.70V
0.85V
IFM = 1.0A;
TC = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
0.5mA
10mA
TC = 25
°C
TC = 100
°C
Typical Junction
Capacitance
CJ
110pF
Measured at
1.0MHz, VR=4.0V
MIN
MAX
MIN
MAX
A
0.116
0.140
2.90
3.50
B
0.091
0.102
2.30
2.60
C
0.020
0.024
0.50
0.60
D
0.787
-----
20.00
-----
DIMENSIONS
DIM
INCHES
MM
NOTE
A
B
D
D
C
Cathode Mark
R-1
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%   !"#
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
1 of 4
Maximum Ratings
Notes:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.
• Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
• Low power loss, high efficiency
• High current capability, Low forward voltage drop
• Marking : Cathode band and type number
•
Moisture Sensitivity Level 1
•
Epoxy meets UL 94 V-0 flammability rating


Similar Part No. - 1SA0

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1SA0 MCC-1SA0 Datasheet
86Kb / 3P
1.0 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Shanghai Lunsure Electr...
1SA0 CHENYI-1SA0 Datasheet
54Kb / 3P
1.0Amp Schottky Barrier Rectifier
logo
Jinan Jingheng (Group) ...
1SA0 JINANJINGHENG-1SA0 Datasheet
65Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Shunye Electro...
1SA0 SHUNYE-1SA0 Datasheet
259Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
1SA0 CHENDA-1SA0 Datasheet
535Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - 1SA0

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMSH1-20 CENTRAL-CMSH1-20 Datasheet
310Kb / 2P
SCHOTTKY BARRIER RECTIFIER 1.0 AMP, 20 THRU 100 VOLTS
CMSH1-20M CENTRAL-CMSH1-20M Datasheet
121Kb / 2P
SCHOTTKY BARRIER RECTIFIER 1.0 AMP, 20 THRU 100 VOLTS
logo
Micro Commercial Compon...
1S20 MCC-1S20 Datasheet
86Kb / 3P
1.0 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRX120 MCC-MBRX120 Datasheet
113Kb / 3P
1.0 Amp Schottky Barrier Rectifier 20 to 100 Volts
1N17 MCC-1N17_11 Datasheet
679Kb / 3P
1.0 Amp Schottky Barrier Rectifier 20 to 40 Volts
RB491D MCC-RB491D_06 Datasheet
868Kb / 4P
1.0 Amp Schottky Barrier Rectifier 20 Volts
RB491DS MCC-RB491DS Datasheet
216Kb / 3P
1.0 Amp Schottky Barrier Rectifier 20 Volts
MBRX120 MCC-MBRX120_11 Datasheet
335Kb / 6P
1.0 Amp Schottky Barrier Rectifier 20 to 60 Volts
MBRX120 MCC-MBRX120_15 Datasheet
483Kb / 6P
1.0 Amp Schottky Barrier Rectifier 20 to 60 Volts
RB491DS MCC-RB491DS_13 Datasheet
253Kb / 3P
1.0 Amp Schottky Barrier Rectifier 20 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com