Electronic Components Datasheet Search
  English  ▼

X  

SLG46400 Datasheet(PDF) 92 Page - Dialog Semiconductor

Part # SLG46400
Description  GreenPAK 2TM Rev.B Programmable Mixed Signal Array
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46400 Datasheet(HTML) 92 Page - Dialog Semiconductor

Back Button SLG46400 Datasheet HTML 87Page - Dialog Semiconductor SLG46400 Datasheet HTML 88Page - Dialog Semiconductor SLG46400 Datasheet HTML 89Page - Dialog Semiconductor SLG46400 Datasheet HTML 90Page - Dialog Semiconductor SLG46400 Datasheet HTML 91Page - Dialog Semiconductor SLG46400 Datasheet HTML 92Page - Dialog Semiconductor SLG46400 Datasheet HTML 93Page - Dialog Semiconductor SLG46400 Datasheet HTML 94Page - Dialog Semiconductor SLG46400 Datasheet HTML 95Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 92 / 95 page
background image
000-0046400-109
Page 86 of 89
SLG46400
reg<807>
PIN2 edge detect mode
0: Rising edge
1: Falling edge
reg<808>
PIN2 reset Enable
0: Disable
1: Enable
reg<810:809>
Pipe number select from connection matrix out <48>
00: 3 pipes
01: 5 pipes
10: 7 pipes
11: 11 pipes
reg<811>
ACMP0 Low Bandwidth Enable
0: Disable
1: Enable
reg<812>
ACMP1 Low Bandwidth Enable
0: Disable
1: Enable
reg<813>
ADC power down control register when reg<815:814>=”01”. ADC power power is controlled by
reg<813>, otherwise, ADC power down is controlled by connection matrix out<3>.
When reg <814> = “1”:
0: ADC power on
1: ADC power down
<815:814>
ADC/PWM/OSC power down source selection
00: ADC power down from matrix out <3>, PWM power down from register
01: PWM power down from matrix out <3>, ADC power down from reg <813>
10: ADC & PWM power down from matrix out <3>
11: OSC power down from matrix out <3>, PWM & ADC power down from register
reg<816>
Oscillator Dividers control
0:Oscillator Dividers Enabled
1: Oscillator Dividers Diasbled
reg<817>
DFF0/LATCH0 output polarity control
0: Do not invert output polarity
1: Invert output polarity
reg<818>
PWM1 Mode Select
0: Down to 0%
1: Up to 100%
reg<819>
PWM2 Mode Select
0: Down to 0%
1: Up to 100%
reg<821:820>
Pipe number select from connection matrix out <49>
00: 2 pipes
01: 4 pipes
10: 8 pipes
11: 12 pipes
reg<829:822>
8-bit pattern id
reg<830>
NVM data read Disable
0: Disable
1: Enable
reg<831>
NVM power down
0: None
1: Power Down
Bit Address
Register Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com