Electronic Components Datasheet Search
  English  ▼

X  

SLG46532 Datasheet(PDF) 13 Page - Dialog Semiconductor

Part # SLG46532
Description  GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46532 Datasheet(HTML) 13 Page - Dialog Semiconductor

Back Button SLG46532 Datasheet HTML 9Page - Dialog Semiconductor SLG46532 Datasheet HTML 10Page - Dialog Semiconductor SLG46532 Datasheet HTML 11Page - Dialog Semiconductor SLG46532 Datasheet HTML 12Page - Dialog Semiconductor SLG46532 Datasheet HTML 13Page - Dialog Semiconductor SLG46532 Datasheet HTML 14Page - Dialog Semiconductor SLG46532 Datasheet HTML 15Page - Dialog Semiconductor SLG46532 Datasheet HTML 16Page - Dialog Semiconductor SLG46532 Datasheet HTML 17Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 184 page
background image
SLG46532_DS_108
Page 12 of 183
SLG46532
5.6 Electrical Characteristics (3.3 V ±10% VDD2)
IOL2
LOW-Level Output Current
PIN 12, 13, 15, 16, 17, 18, 19,
20
Push-Pull 1X,
VOL = 0.15 V, VDD2 = 1.8 V
0.92
1.66
--
mA
Push-Pull 2X,
VOL = 0.15 V, VDD2 = 1.8 V
1.83
3.30
--
mA
Push-Pull 4X,
VOL = 0.15 V, VDD2 = 1.8 V
4.81
6.50
--
mA
Open Drain NMOS 1X,
VOL = 0.15 V, VDD2 = 1.8 V
1.38
2.53
--
mA
Open Drain NMOS 2X,
VOL = 0.15 V, VDD2 = 1.8 V
2.75
5.07
--
mA
Open Drain NMOS 4X, PIN 12,
VOL = 0.15 V, VDD2 = 1.8 V
5.50
10.14
--
mA
Symbol
Parameter
Condition/Note
Min.
Typ.
Max.
Unit
VDD2
Supply Voltage Pin 14
VDD2 ≤ VDD
1.71
--
VDD
V
VIH2
HIGH-Level Input Voltage
PIN 12, 13, 15, 16, 17, 18, 19,
20
Logic Input, VDD2 = 1.8 V
1.06
--
VDD2
V
Logic Input with Schmitt Trigger,
VDD2 = 1.8 V
1.28
--
VDD2
V
Low-Level Logic Input, VDD2 = 1.8 V
0.94
--
VDD2
V
VIL2
LOW-Level Input Voltage
PIN 12, 13, 15, 16, 17, 18, 19,
20
Logic Input, VDD2 = 1.8 V
0
--
0.76
V
Logic Input with Schmitt Trigger,
VDD2 = 1.8 V
0--
0.49
V
Low-Level Logic Input, VDD2 = 1.8 V
0
--
0.52
V
VHYS
Schmitt Trigger Hysteresis
Voltage
PIN 12, 13, 15, 16, 17, 18, 19,
20
Logic Input with Schmitt Trigger,
VDD2 = 1.8 V
0.29
0.62
0.94
V
ILGK
Input leakage
(Absolute Value)
PIN 12, 13, 15, 16, 17, 18, 19,
20
--
1
1000
nA
VOH2
HIGH-Level Output Voltage
PIN 12, 13, 15, 16, 17, 18, 19,
20
Push-Pull, IOH = 100 A, 1X Driver,
VDD2 = 1.8 V
1.69
1.79
--
V
PMOS OD, IOH = 100 A, 1X Driver,
VDD2 = 1.8 V
1.69
1.79
--
V
Push-Pull, IOH = 100 A, 2X Driver,
VDD2 = 1.8 V
1.70
1.79
--
V
PMOS OD, IOH = 100 A, 2X Driver,
VDD2 = 1.8 V
1.70
1.79
--
V
Symbol
Parameter
Condition/Note
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com