Electronic Components Datasheet Search
  English  ▼

X  

SLG46533 Datasheet(PDF) 3 Page - Dialog Semiconductor

Part # SLG46533
Description  GreenPAK Programmable Mixed-signal Matrix
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46533 Datasheet(HTML) 3 Page - Dialog Semiconductor

  SLG46533 Datasheet HTML 1Page - Dialog Semiconductor SLG46533 Datasheet HTML 2Page - Dialog Semiconductor SLG46533 Datasheet HTML 3Page - Dialog Semiconductor SLG46533 Datasheet HTML 4Page - Dialog Semiconductor SLG46533 Datasheet HTML 5Page - Dialog Semiconductor SLG46533 Datasheet HTML 6Page - Dialog Semiconductor SLG46533 Datasheet HTML 7Page - Dialog Semiconductor SLG46533 Datasheet HTML 8Page - Dialog Semiconductor SLG46533 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 185 page
background image
SLG46533_DS_114
Page 2 of 184
SLG46533
2.0 Pin Description
2.1 Functional Pin Description
STQFN
20L Pin #
MSTQFN
22L Pin#
Pin
Name
Signal
Name
Function
Input
Options
Output
Options
1
16
VDD
VDD
Power Supply
--
--
2
1
IO0
IO0
General Purpose Input
Digital Input without
Schmitt Trigger
--
Digital Input
with Schmitt Trigger
--
Low Voltage Digital Input
--
3
2
IO1
IO1
General Purpose I/O
with OE*
Digital Input without
Schmitt Trigger
Push-Pull (1x) (2x)
Digital Input
with Schmitt Trigger
Open Drain NMOS
(1x) (2x)
Low Voltage Digital Input
--
4
3
IO2
IO2
General Purpose I/O
Digital Input without
Schmitt Trigger
Push-Pull (1x) (2x)
Digital Input
with Schmitt Trigger
Open Drain NMOS
(1x) (2x)
Low Voltage Digital Input
Open Drain PMOS
(1x) (2x)
5
4
IO3
IO3
General Purpose I/O
with OE*
Digital Input without
Schmitt Trigger
Push-Pull (1x) (2x)
Digital Input
with Schmitt Trigger
Open Drain NMOS
(1x) (2x)
Low Voltage Digital Input
--
6
5
IO4
IO4
General Purpose I/O
Digital Input without
Schmitt Trigger
Push-Pull (1x) (2x)
Digital Input
with Schmitt Trigger
Open Drain NMOS
(1x) (2x)
Low Voltage Digital Input
Open Drain PMOS
(1x) (2x)
ACMP0+
Analog Comparator 0
Positive Input
Analog
--
7
6
IO5
IO5
General Purpose I/O
with OE*
Digital Input without
Schmitt Trigger
Push-Pull (1x) (2x)
Digital Input
with Schmitt Trigger
Open Drain NMOS
(1x) (2x)
Low Voltage Digital Input
--
ACMP0-
Analog Comparator 0
Negative Input
Analog
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com