Electronic Components Datasheet Search
  English  ▼

X  

SLGC55544C Datasheet(PDF) 4 Page - Dialog Semiconductor

Part # SLGC55544C
Description  USB Charging Port Power Switch and Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLGC55544C Datasheet(HTML) 4 Page - Dialog Semiconductor

  SLGC55544C Datasheet HTML 1Page - Dialog Semiconductor SLGC55544C Datasheet HTML 2Page - Dialog Semiconductor SLGC55544C Datasheet HTML 3Page - Dialog Semiconductor SLGC55544C Datasheet HTML 4Page - Dialog Semiconductor SLGC55544C Datasheet HTML 5Page - Dialog Semiconductor SLGC55544C Datasheet HTML 6Page - Dialog Semiconductor SLGC55544C Datasheet HTML 7Page - Dialog Semiconductor SLGC55544C Datasheet HTML 8Page - Dialog Semiconductor SLGC55544C Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
000-000C55544C-105
Page 4 of 20
SLGC55544C
1. For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report,
SPRA953.
2. The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K
board, as specified in JESD51-7, in an environment described in JESD51-2a.
3. The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific
JEDEC-standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
4. The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control
the PCB temperature, as described in JESD51-8.
5. The junction-to-top characterization parameter,
ψJT, estimates the junction temperature of a device in a real system and is
extracted from the simulation data for obtaining
θJA, using a procedure described in JESD51-2a (sections 6 and 7).
6. The junction-to-board characterization parameter,
ψJB, estimates the junction temperature of a device in a real system and is
extracted from the simulation data for obtaining
θJA, using a procedure described in JESD51-2a (sections 6 and 7).
7. The junction-to-case (bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No
specific JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
Thermal Information1
Parameter
RTE
Unit
θJA
Junction-to-ambient thermal resistance 2
53.4
°C/W
θJCtop
Junction-to-case (top) thermal resistance 3
51.4
°C/W
θJB
Junction-to-board thermal resistance 4
17.2
°C/W
ψJT
Junction-to-top characterization parameter 5
3.7
°C/W
ψJB
Junction-to-board characterization parameter 6
20.7
°C/W
θJCbot
Junction-to-case (bottom) thermal resistance 7
3.9
°C/W
Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
Symbol
Parameter
Condition/Note
Min.
Typ.
Max.
Unit
VIN
Input Voltage
VIN
4.5
--
5.5
V
Logic Level Inputs (CTL1, CTL2,
CTL3, EN, ILIM_SEL)
0
--
5.5
V
Data Line Inputs (DP_IN,
DM_IN, DP_OUT, DM_OUT)
--
--
5.5
V
Continuous Current
Data Line inputs (SDP or CDP
mode, DP_IN to DP_OUT or
DM_IN to DM_OUT)
--
--
±30
mA
Data Line inputs (BC1.2 DCP
mode, DP_IN to DM_IN)
--
--
±15
mA
RILIM
Current-limit set resistors
ILIM_L to GND, ILIM_H to GND
16.9
--
750
k
Ω
TJ
Operating virtual junction
temperature
-40
--
125
°C
VIH
Input Logic High
1.8
--
--
V
VIL
Input Logic Low
--
--
0.8
V
VHYST
Input Logic Hysteresis
--
250
--
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com