Electronic Components Datasheet Search
  English  ▼

X  

1F3G Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 1F3G
Description  1.0 Amp Glass Passivated Fast Recovery Rectifier 50~1000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1F3G Datasheet(HTML) 1 Page - Micro Commercial Components

  1F3G Datasheet HTML 1Page - Micro Commercial Components 1F3G Datasheet HTML 2Page - Micro Commercial Components 1F3G Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1F1
G
THRU
Features
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
•
For capacitive load. Derate current by 20%
•
Typical Thermal Resistance: 67
oC/W Junction to Ambient.
MCC
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum DC
Blocking
Voltage
1F1
G
50V
35V
50V
1F2
G
100V
70V
100V
1F3
G
200V
140V
200V
1F4
G
400V
280V
400V
1F5
G
600V
420V
600V
1F6
G
800V
560V
800V
1F7
G
1000V
700V
1000V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0 A
Ta = 55
°C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.3V
IFM = 1.0A;
Ta = 25°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0
µA
150µA
Tj =25°C
Typical Junction
Capacitance
CJ
12pF
Measured at
1.0MHz, VR=4.0V
Maximum Reverse
Recovery Time
1F1
G-1F4G
1F5
1F6
G-1F7G
trr
150ns
250ns
500ns
IF=0.5A,
IR=1A,
Irr=0.25A
1F7
G
R-1
MIN
MAX
MIN
MAX
A
0.116
0.140
2.90
3.50
B
0.091
0.102
2.30
2.60
C
0.020
0.024
0.50
0.60
D
0.787
-----
20.00
-----
DIMENSIONS
DIM
INCHES
MM
NOTE
A
B
D
D
C
Cathode Mark
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%   !"#
www.mccsemi.com
Revision:
A
201
4/01/01
1 of 3
1.0 Amp
Glass Passivated
Fast Recovery
Rectifier
•
Marking : Cathode band and type number
• Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
Notes:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.
•
Moisture Sensitivity Level 1
•
Epoxy meets UL 94 V-0 flammability rating
Maximum Ratings
•
Fast Switching for High Efficiency and Low Leakage
•
Halogen free available upon request by adding suffix "-HF"
50~1000 Volts
Micro Commercial Components
M C C
R
Tj =125°C


Similar Part No. - 1F3G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1F3G PANJIT-1F3G Datasheet
389Kb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Amperes)
logo
Rectron Semiconductor
1F3G RECTRON-1F3G Datasheet
25Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Pan Jit International I...
1F3G PANJIT-1F3G Datasheet
53Kb / 2P
GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIERS
logo
DAESAN ELECTRONIC CORP.
1F3G DAESAN-1F3G Datasheet
313Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
logo
GOOD-ARK Electronics
1F3G GOOD-ARK-1F3G Datasheet
158Kb / 2P
Glass Passivated Fast Recovery Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
More results

Similar Description - 1F3G

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
RGP10A MCC-RGP10A Datasheet
85Kb / 3P
1.0 Amp Glass Passivated Junction Fast Recovery Rectifiers 50 to 1000 Volts
FR151GP MCC-FR151GP_11 Datasheet
757Kb / 4P
1.5 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FR201GP MCC-FR201GP_11 Datasheet
448Kb / 4P
2 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
GS1A-L MCC-GS1A-L Datasheet
246Kb / 4P
1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
GS1B-LTP MCC-GS1B-LTP Datasheet
255Kb / 4P
1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
GS1M-LTP MCC-GS1M-LTP Datasheet
258Kb / 4P
1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
FR601GP MCC-FR601GP_15 Datasheet
683Kb / 4P
6 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
GS1AFL MCC-GS1AFL Datasheet
392Kb / 4P
1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
GS1A-L MCC-GS1A-L_17 Datasheet
362Kb / 4P
1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
M1FL MCC-M1FL Datasheet
665Kb / 3P
1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com