Electronic Components Datasheet Search
  English  ▼

X  

TLV2780CD Datasheet(PDF) 12 Page - Texas Instruments

Part # TLV2780CD
Description  FAMILY OF 1.8V HIGH SPEED RAIL TO RAIL INPUT OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2780CD Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLV2780CD Datasheet HTML 8Page - Texas Instruments TLV2780CD Datasheet HTML 9Page - Texas Instruments TLV2780CD Datasheet HTML 10Page - Texas Instruments TLV2780CD Datasheet HTML 11Page - Texas Instruments TLV2780CD Datasheet HTML 12Page - Texas Instruments TLV2780CD Datasheet HTML 13Page - Texas Instruments TLV2780CD Datasheet HTML 14Page - Texas Instruments TLV2780CD Datasheet HTML 15Page - Texas Instruments TLV2780CD Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
TLV2780, TLV2781, TLV2782, TLV2783, TLV2784, TLV2785, TLV278xA
FAMILY OF 1.8 V HIGHSPEED RAILTORAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS245E − MARCH 2000 − REVISED JANUARY 2005
12
WWW.TI.COM
TYPICAL CHARACTERISTICS
Figure 24
−140
−120
−100
−80
−60
−40
−20
0
10
100
1 k
10 k
100 k
Crosstalk in Shutdown
VDD = 1.8 V & 2.7 V
VIC = 60% of VDD
AV = 1
RL= 2 kΩ
TA = 25°C
All Channels
CROSSTALK
vs
FREQUENCY
f − Frequency − Hz
Crosstalk/No Shutdown
Figure 25
0
20
40
60
80
100
120
140
10
100
1 k
10 k
100 k
1 M
10 M
Forward and Reverse Isolation
VDD = 1.8 & 2.7 V
VIC = VDD /2
RL = 2 kΩ
CL= 10 pF
AV = 1
TA = 25°C
SHUTDOWN FORWARD
AND REVERSE ISOLATION
vs
FREQUENCY
f − Frequency − Hz
Figure 26
0
0.5
1
1.5
2.0
2.5
3
−40 −25 −10 5
20 35 50 65 80 95 110 125
SHUTDOWN SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
Shutdown = 0V
VIC = VDD/2
AV = 1
VDD = 2.7 V
VDD= 3.6 V
VDD = 1.8 V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
0
0.4 0.8 1.2 1.6
2
2.4 2.8
3.2 3.6
SHUTDOWN SUPPLY CURRENT
vs
SUPPLY VOLTAGE
Shutdown = 0 V
VIC = VDD/2
AV = 1
VDD − Supply Voltage − V
TA = 125°C
TA = 25°C
TA = −40°C
Figure 27
−1
0
1
2
3
4
5
SHUTDOWN SUPPLY CURRENT / OUTPUT VOLTAGE
vs
TIME
67
8
10
9
t − Time −
µsec
SD
VDD = 2.7 V
AV = 1
RL = 10 kΩ
CL = 10 pF
VIC = VDD/2
TA = 25° C
IDD(SD)
VO
1.5
0.0
0.3
0.5
0.8
1.0
1.3
1.5
0.0
0.3
0.5
0.8
1.0
1.3
1.8
Figure 28
3.0
0.0
0.5
1.0
1.5
2.0
2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com