Electronic Components Datasheet Search
  English  ▼

X  

B5818WS Datasheet(PDF) 1 Page - Micro Commercial Components

Part # B5818WS
Description  1 Amp Schottky Barrier Rectifier 20 - 40 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

B5818WS Datasheet(HTML) 1 Page - Micro Commercial Components

  B5818WS Datasheet HTML 1Page - Micro Commercial Components B5818WS Datasheet HTML 2Page - Micro Commercial Components B5818WS Datasheet HTML 3Page - Micro Commercial Components B5818WS Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
B5817WS
Thru
B5819WS
1 Amp Schottky
Barrier Rectifier
20 - 40 Volts
Features
•
Guard Ring Protection
•
Low Forward Voltage Drop
•
For Use in Low Voltage, High Frequency Inverters
•
High Surge Current Capability
•
Operating Temperature: -65
to +125
•
Storage Temperature: -65
to +150
•
Maximum Thermal Resistance; 500 /W Junction To Ambient
MCC
Part
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
B5817WS
SJ
20V
14V
20V
B5818WS
SK
30V
21V
30V
B5819WS
SL
40V
28V
40V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0A
Tc = 90
Peak Forward Surge
Current
IFSM
10A
8.3ms, half sine
0.45V
0.55V
0.60V
IFM = 1.0A;
TJ = 25
(Note 1)
Maximum
Instantaneous
Forward Voltage
B5817WS
B5818WS
B5819WS
VF
0.75V
0.875V
0.90V
IFM = 3A;
TJ = 25 (Note 1)
IR
µ
µ
Typical junction
capacitance
CJ
120pF
Measured at
1.0MHz , VR=4.0V
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.090
.107
2.30
2.70
B
.063
.071
1.60
1.80
C
.045
.053
1.15
1.35
D
.031
.045
0.80
1.15
E
.010
.016
0.25
0.40
G
.004
.018
0.10
0.45
H
.004
.010
0.10
0.25
J
-----
.006
-----
0.15
A
B
E
C
J
D
H
G
0.022”
0.074"
0.027”
SUGGESTED SOLDER
PAD LAYOUT
SOD-323
•
Lead Free Finish/RoHS Compliant("P" Suffix
designates RoHS Compliant. See ordering information)
Maximum Ratings
Notes:
1. Pulse Test: Pulse Width 300usec, Duty Cycle 2%
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
•
H
alogen free available upon request by adding suffix "-HF"
Micro Commercial Components
M C C
R
B5817WS
B581 WS
B581 WS
µ
µ
µ
µ
℃
℃
℃
P
www.mccsemi.com
Revision: E
1 of
4
2017/12/04


Similar Part No. - B5818WS

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
B5818WS JIANGSU-B5818WS Datasheet
52Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Galaxy Semi-Conductor H...
B5818WS BILIN-B5818WS Datasheet
244Kb / 4P
Schottky Barrier Diode
logo
Shenzhen Ping Sheng Ele...
B5818WS PFS-B5818WS Datasheet
1Mb / 2P
SCHOTTKY BARRIER DIODE
logo
Micro Commercial Compon...
B5818WS MCC-B5818WS Datasheet
318Kb / 3P
1 Amp Schottky Barrier Rectifier 20 - 40 Volts
logo
Microdiode Semiconducto...
B5818WS CHENDA-B5818WS Datasheet
158Kb / 3P
SCHOTTKY BARRIER DIODE
More results

Similar Description - B5818WS

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N5817 MCC-1N5817 Datasheet
81Kb / 2P
1 Amp Schottky Barrier Rectifier 20 to 40 Volts
DL5817 MCC-DL5817 Datasheet
78Kb / 3P
1 Amp Schottky Barrier Rectifier 20 to 40 Volts
1N5817 MCC-1N5817_11 Datasheet
409Kb / 3P
1 Amp Schottky Barrier Rectifier 20 to 40 Volts
B5817W MCC-B5817W Datasheet
368Kb / 3P
1 Amp Schottky Barrier Rectifier 20 - 40 Volts
B5817WS MCC-B5817WS Datasheet
318Kb / 3P
1 Amp Schottky Barrier Rectifier 20 - 40 Volts
DL5817 MCC-DL5817_11 Datasheet
458Kb / 4P
1 Amp Schottky Barrier Rectifier 20 to 40 Volts
SR102 MCC-SR102 Datasheet
311Kb / 3P
1 Amp Schottky Barrier Rectifier 20 to 40 Volts
logo
DONGGUAN YOU FENG WEI E...
1N5817 YFWDIODE-1N5817 Datasheet
77Kb / 2P
1 Amp Schottky Barrier Rectifier 20 to 40 Volts
1N5817-DO41 YFWDIODE-1N5817-DO41 Datasheet
277Kb / 2P
1 Amp Schottky Barrier Rectifier 20 to 40 Volts
logo
Micro Commercial Compon...
B5817W MCC-B5817W_17 Datasheet
460Kb / 3P
1 Amp Schottky Barrier Rectifier 20 - 40 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com