Electronic Components Datasheet Search
  English  ▼

X  

FR601GP Datasheet(PDF) 1 Page - Micro Commercial Components

Part # FR601GP
Description  6 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

FR601GP Datasheet(HTML) 1 Page - Micro Commercial Components

  FR601GP Datasheet HTML 1Page - Micro Commercial Components FR601GP Datasheet HTML 2Page - Micro Commercial Components FR601GP Datasheet HTML 3Page - Micro Commercial Components FR601GP Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FR601GP
THRU
FR607GP
6 Amp Glass
Passivated Fast
Recovery Rectifier
50 to 1000 Volts
Features
•
Glass Passivated Junction
•
Low Forward Voltage Drop
•
High Current Capability
•
Fast Switching Speed For High Efficiency
Maximum Ratings
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
MCC
Catalog
Number
Device
Marking
Maximum
Reccurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
FR601GP
50V
35V
50V
FR602GP
100V
70V
100V
FR603GP
200V
140V
200V
FR604GP
400V
280V
400V
FR605GP
600V
420V
600V
FR606GP
800V
560V
800V
FR607GP
1000V
700V
1000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
6 A
TA = 55
°C
Peak Forward Surge
Current
IFSM
200A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.3V
IFM = 6.0A;
TA = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10
µA
150
µA
TA = 25
°C
TA = 55
°C
Maximum Reverse
Recovery Time
FR601GP-604GP
FR605GP
FR606GP-607GP
Trr
150ns
250ns
500ns
IF=0.5A, IR=1.0A,
Irr=0.25A
Typical Junction
Capacitance
CJ
150pF
Measured at
1.0MHz, VR=4.0V
R-6
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.340
.360
8.60
9.10
B
.340
.360
8.60
9.10
C
.048
.052
1.20
1.30
D
1.000
---
25.40
---
A
B
D
D
C
Cathode
Mark
 omponents
20736 Marilla Street Chatsworth

 !"#
$%   !"#
Revision: C
2015/08/06
FR606GP
FR607GP
FR605GP
FR604GP
FR603GP
FR602GP
FR601GP
www.mccsemi.com
1 of 4
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
Notes:1.High Temperature Solder Exemption Applied,see EU Directive Annex Notes 7.
•
Halogen free available upon request by adding suffix "-HF"
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Micro Commercial Components
M C C
TM


Similar Part No. - FR601GP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FR601GP MCC-FR601GP Datasheet
79Kb / 3P
6 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
logo
Shanghai Lunsure Electr...
FR601GP CHENYI-FR601GP Datasheet
48Kb / 3P
6Amp glass passivated fast recovery rectifier 50 to 1000 volts
logo
Micro Commercial Compon...
FR601GP MCC-FR601GP Datasheet
479Kb / 4P
6 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FR601GP MCC-FR601GP_13 Datasheet
479Kb / 4P
6 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
More results

Similar Description - FR601GP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FR201GP MCC-FR201GP Datasheet
80Kb / 3P
2 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FR601GP MCC-FR601GP Datasheet
79Kb / 3P
6 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FR151GP MCC-FR151GP_11 Datasheet
757Kb / 4P
1.5 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FR201GP MCC-FR201GP_11 Datasheet
448Kb / 4P
2 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FRA801G MCC-FRA801G Datasheet
489Kb / 3P
8 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FR201GP MCC-FR201GP_13 Datasheet
471Kb / 4P
2 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FR601GP MCC-FR601GP_13 Datasheet
479Kb / 4P
6 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FRA801G MCC-FRA801G_13 Datasheet
558Kb / 3P
8 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FR501GP MCC-FR501GP Datasheet
496Kb / 4P
5 Amp Glass Recovery Rectifier 50 to 1000 Volts Passivated Fast
FRA801GF MCC-FRA801GF Datasheet
416Kb / 3P
8 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com