Electronic Components Datasheet Search
  English  ▼

X  

TORX141P Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TORX141P
Description  FIBER OPTIC RECEIVING MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TORX141P Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TORX141P Datasheet HTML 1Page - Toshiba Semiconductor TORX141P Datasheet HTML 2Page - Toshiba Semiconductor TORX141P Datasheet HTML 3Page - Toshiba Semiconductor TORX141P Datasheet HTML 4Page - Toshiba Semiconductor TORX141P Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TORX141P
2001-10-03
2
Electrical and Optical Characteristics (Ta
==== 25°C, VCC ==== 3 V)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Data rate
NRZ code
(Note 2)
0.1
¾
15
Mb/s
Transmission distance
With APF and TOTX141P (Note 3)
0.2
¾
10
m
Pulse width distortion
(Note 4)
∆tw
Pulse Width 67 ns
Pulse Cycle 134 ns
CL
= 10 pF
-20
¾
20
ns
Maximum receivable power
(Note 5)
PMAX
15 Mb/s, Using APF
-14.5
¾
¾
dBm
Minimum receivable power
(Note 5)
PMIN
15 Mb/s, Using APF
¾
¾
-27
dBm
Current consumption
ICC
¾
10
15
mA
High level output voltage
VOH
2.1
2.5
¾
V
Low level output voltage
VOL
¾
0.2
0.4
V
Note 2: High level output when optical flux is received. Low level output when optical flux is not received.
The duty factor must be kept 25 to 75%.
Note 3: All Plastic Fiber (970/1000
mm).
Note 4: Between input of TOTX141P and output of TORX141P.
Note 5: BER <= 10
-9, peak value.
Mechanical Characteristics (Ta
==== 25°C)
Characteristics
Test Condition
Min
Typ.
Max
Unit
Mating force
Using TOCP172, Initial value
¾
¾
39.2
N
Unmating force
Using TOCP172, Initial value
5.9
¾
39.2
N
Application Circuit
Applicable Optical Fiber with Fiber Optic Connectors
TOCP172-□□B
2
Fiber optic connector insertion side
1
3
Fiber optic
receiving
module
0.1
mF
47
mH
Less than 7 mm
Output
GND
(Bottom View)
VCC
Soldered to
PC board
Soldered to
PC board
4
5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com