Electronic Components Datasheet Search
  English  ▼

X  

CL324 Datasheet(PDF) 1 Page - Lumins Inc.

Part # CL324
Description  White translucent high impact UV stabilized acrylic lens
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

CL324 Datasheet(HTML) 1 Page - Lumins Inc.

  CL324 Datasheet HTML 1Page - Lumins Inc. CL324 Datasheet HTML 2Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TYPE:
QUANTITY:
PROJECT:
CATALOG
NUMBER:
FIXTURE
WATTAGE
VOLTAGE
FINISH
OPTION
OPTION
OPTION
OPTION
MATERIALS
LumiSTIK wall is made of seamless extruded corrosion resistant 356 aluminum
alloy with a copper (CU) content of less than 0.1%.
LED is contained in a white translucent high impact UV stabilized acrylic sealed
lens. The assembly is designed to provide a uniform illumination.
ELECTRICAL
DRIVER
Standard driver is 0-10V dimming-ready (dims to 10%) with: 120-
277 multi-volt compatibility (50-60Hz), operating temperatures
of -30ºC/-22ºF to 60ºC/140ºF, output over voltage protection,
output over current protection, output short circuit protection
with auto-recovery.
LED
Standard 4000K CCT/80 CRI. Optional 3000K & 3500K.
Removable modular LED platform.
LIFE
50,000hrs L
85B50 (based on IESNA TM-21 Test Method and LM-80 data).
FINISH
Five-stage preparation process including preheating of cast aluminum parts for
air extraction, and an environmentally friendly alloy sealant. Polyester powder
coating is applied through an electrostatic process and oven cured for long
term finish.
MOUNTING
The mounting plate is designed to fit on a 2X4” (51x102) rectangular electrical
box using 3.156” (80) C/C mounting holes. Optional trimming plate for
octagonal jbox (option MT4).
CERTIFICATION
Tested to UL1598 and CSA 22.2 #250. ETL listed wet location.
Rated IP66. CE Certification on request.
DIMENSIONS
LUMINIS.COM
Luminaires may be altered for design improvement or discontinued without prior notice.
Toll free: 866.586.4647 Fax: 514.683.8872 Email: info@luminis.com
260 Labrosse, Pointe-Claire (QC) Canada H9R 5L5
LUMINIS
1
1- White translucent high impact
UV stabilized acrylic lens.
2- Seamless extruded aluminum
housing for electrical
components (optional
stainless steel).
3- Cast aluminum mounting
box.
4- Optional downlight
component with sealed
optics.
All stainless steel hardware.
ADA Compliant
CL314/CL324 SERIES
LumiSTIK - LED
3” WALL
3
1
2
CL314/CL324
CL314
CL324
4”
(102)
24”
(610)
12”
(305)
4”
(102)
3.00” (75)
LumiStick
4
10.97”
(279)
10.97”
(279)


Similar Part No. - CL324

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
CL320 SUTEX-CL320 Datasheet
744Kb / 7P
3-Channel 20mA Linear LED Driver
logo
Klein Tools, Inc.
CL320 KLEIN-CL320 Datasheet
2Mb / 1P
ELECTRICAL TEST KITS
Rev. 03/21 A
CL320KIT KLEIN-CL320KIT Datasheet
2Mb / 1P
ELECTRICAL TEST KITS
Rev. 03/21 A
logo
Lumins Inc.
CL322 LUMINIS-CL322 Datasheet
144Kb / 3P
White translucent high impact UV stabilized acrylic lens
logo
Raltron Electronics Cor...
CL3225 RALTRON-CL3225 Datasheet
323Kb / 3P
LVDS SURFACE MOUNT CLOCK OSCILLATOR
More results

Similar Description - CL324

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMU1610-365-135 VISHAY-VLMU1610-365-135 Datasheet
244Kb / 8P
UV SMD LED with Silicone Lens
24-Jun-16
VLMU3500060 VISHAY-VLMU3500060 Datasheet
262Kb / 8P
UV SMD LED with Silicone Lens
27-Apr-16
VLMU3500120 VISHAY-VLMU3500120 Datasheet
256Kb / 8P
UV SMD LED with Silicone Lens
27-Apr-16
VLMU3510 VISHAY-VLMU3510 Datasheet
275Kb / 7P
UV SMD LED with Silicone Lens
12-Apr-16
logo
Lumins Inc.
CL312 LUMINIS-CL312 Datasheet
144Kb / 3P
White translucent high impact UV stabilized acrylic lens
logo
Vishay Siliconix
VLMU5200-385-140 VISHAY-VLMU5200-385-140 Datasheet
225Kb / 8P
UV SMD LED with Silicone Lens
23-May-16
VLMU3500120 VISHAY-VLMU3500120_V01 Datasheet
227Kb / 9P
UV SMD LED With Silicone Lens
03-Mar-2020
VLMU350060 VISHAY-VLMU350060_V01 Datasheet
222Kb / 9P
UV SMD LED with Silicone Lens
03-Mar-2020
VLMU3520120 VISHAY-VLMU3520120 Datasheet
235Kb / 9P
UV SMD LED With Silicone Lens
09-Nov-2020
VLMU3520060 VISHAY-VLMU3520060 Datasheet
239Kb / 9P
UV SMD LED With Silicone Lens
09-Nov-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com