Electronic Components Datasheet Search
  English  ▼

X  

TLV2780IP Datasheet(PDF) 6 Page - Texas Instruments

Part # TLV2780IP
Description  FAMILY OF 1.8V HIGH SPEED RAIL TO RAIL INPUT OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2780IP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV2780IP Datasheet HTML 2Page - Texas Instruments TLV2780IP Datasheet HTML 3Page - Texas Instruments TLV2780IP Datasheet HTML 4Page - Texas Instruments TLV2780IP Datasheet HTML 5Page - Texas Instruments TLV2780IP Datasheet HTML 6Page - Texas Instruments TLV2780IP Datasheet HTML 7Page - Texas Instruments TLV2780IP Datasheet HTML 8Page - Texas Instruments TLV2780IP Datasheet HTML 9Page - Texas Instruments TLV2780IP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
TLV2780, TLV2781, TLV2782, TLV2783, TLV2784, TLV2785, TLV278xA
FAMILY OF 1.8 V HIGHSPEED RAILTORAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS245E − MARCH 2000 − REVISED JANUARY 2005
6
WWW.TI.COM
electrical characteristics at specified free-air temperature, VDD = 1.8 V, 2.7 V (unless otherwise
noted) (continued)
output characteristics
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
VDD = 1.8 V
25
°C
1.7
1.77
VDD = 1.8 V
Full range
1.63
IOH = − 1 mA
VDD = 2.7 V
25
°C
2.6
2.68
IOH = − 1 mA
VDD = 2.7 V
Full range
2.6
VOH
High-level output voltage
VDD = 3.6 V
25
°C
3.58
V
VOH
High-level output voltage
VDD = 1.8 V
25
°C
1.5
1.55
V
VDD = 1.8 V
Full range
1.46
IOH = − 5 mA
VDD = 2.7 V
25
°C
2.5
2.55
IOH = − 5 mA
VDD = 2.7 V
Full range
2.45
VDD = 3.6 V
25
°C
3.55
IOL = 1 mA
25
°C
70
IOL = 1 mA
Full range
80
VOL
Low-level output voltage
VDD = 1.8 V
25
°C
180
240
mV
VOL
Low-level output voltage
IOL = 5 mA
VDD = 1.8 V
Full range
290
mV
IOL = 5 mA
VDD = 2.7 V
25
°C
120
170
VDD = 2.7 V
Full range
200
VDD = 1.8 V,
Positive rail
10
IO
Output current
VDD = 1.8 V,
VO = 0.5 V from
Negative rail
25
°C
15
mA
IO
Output current
VDD = 2.7 V,
Positive rail
25
°C
17
mA
VDD = 2.7 V,
VO = 0.5 V from
Negative rail
23
Sourcing
VDD = 1.8 V
13
IOS
Short-circuit output current
Sourcing
VDD = 2.7 V
25
°C
35
mA
IOS
Short-circuit output current
Sinking
VDD = 1.8 V
25
°C
21
mA
Sinking
VDD = 2.7 V
45
† Full range is 0°C to 70°C for the C-suffix and −40°C to 125°C for the I-suffix. If not specified, full range is −40°C to 125°C.
power supply
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
IDD
Supply current (per channel)
VO = VDD/2,
SHDN = VDD
25
°C
650
770
A
IDD
Supply current (per channel)
VO = VDD/2,
SHDN = VDD
Full range
820
µA
VDD = 1.8 V to 2.7 V,
No load,
25
°C
60
75
VDD = 1.8 V to 2.7 V,
VIC = VDD /2
No load,
Full range
58
kSVR
Supply voltage rejection ratio
VDD = 2.7 V to 3.6 V,
No load,
25
°C
75
90
dB
kSVR
Supply voltage rejection ratio
(
∆VDD /∆VIO)
VDD = 2.7 V to 3.6 V,
VIC = VDD /2
No load,
Full range
70
dB
( VDD / VIO)
VDD = 1.8 V to 3.6 V,
No load,
25
°C
65
80
VDD = 1.8 V to 3.6 V,
VIC = VDD /2
No load,
Full range
60
† Full range is 0°C to 70°C for the C-suffix and −40°C to 125°C for the I-suffix. If not specified, full range is −40°C to 125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com