Electronic Components Datasheet Search
  English  ▼

X  

TPS2091 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS2091
Description  QUAD POWER-DISTRIBUTION SWITCHES
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2091 Datasheet(HTML) 1 Page - Texas Instruments

  TPS2091 Datasheet HTML 1Page - Texas Instruments TPS2091 Datasheet HTML 2Page - Texas Instruments TPS2091 Datasheet HTML 3Page - Texas Instruments TPS2091 Datasheet HTML 4Page - Texas Instruments TPS2091 Datasheet HTML 5Page - Texas Instruments TPS2091 Datasheet HTML 6Page - Texas Instruments TPS2091 Datasheet HTML 7Page - Texas Instruments TPS2091 Datasheet HTML 8Page - Texas Instruments TPS2091 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
TPS2090, TPS2091, TPS2092 DUAL,
TPS2095, TPS2096, TPS2097 QUAD
POWER-DISTRIBUTION SWITCHES
SLVS245A – SEPTEMBER 2000 – REVISED MARCH 2001
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D 80-mΩ High-Side MOSFET Switch
D 250 mA Continuous Current per Channel
D Independent Thermal and Short-Circuit
Protection With Overcurrent Logic Output
D Operating Range . . . 2.7-V to 5.5-V
D CMOS- and TTL-Compatible Enable Inputs
D 2.5-ms Typical Rise Time
D Undervoltage Lockout
D 10 µA Maximum Standby Supply Current
D Bidirectional Switch
D Available in 8-Pin and 16-Pin SOIC
Packages
D Ambient Temperature Range, 0°C to 85°C
D ESD Protection
description
The TPS2090, TPS2091, and TPS2092 dual and
the TPS2095, TPS2096 and TPS2097 quad
power-distribution switches are intended for
applications where heavy capacitive loads and
short circuits are likely to be encountered. The
TPS209x devices incorporate 80-m
Ω N-channel
MOSFET high-side power switches for power-distribution systems that require multiple power switches in a
single package. Each switch is controlled by an independent logic enable input. Gate drive is provided by an
internal charge pump designed to control the power-switch rise times and fall times to minimize current surges
during switching. The charge pump requires no external components and allows operation from supplies as low
as 2.7 V.
When the output load exceeds the current-limit threshold or a short is present, the TPS209x limits the output
current to a safe level by switching into a constant-current mode, pulling the overcurrent (OCx) logic output low.
When continuous heavy overloads and short circuits increase the power dissipation in the switch causing the
junction temperature to rise, a thermal protection circuit shuts off the switch to prevent damage. Recovery from
a thermal shutdown is automatic once the device has cooled sufficiently. Internal circuitry ensures the switch
remains off until valid input voltage is present. The TPS209x devices are designed to current limit at 0.5-A load.
TPS201xA
TPS202x
TPS203x
33 mW, single
0.2 A – 2 A
0.2 A – 2 A
0.2 A – 2 A
TPS2014
TPS2015
TPS2041
TPS2051
TPS2045
TPS2055
80 mW, single
600 mA
1 A
500 mA
500 mA
250 mA
250 mA
GENERAL SWITCH CATALOG
TPS2042
TPS2052
TPS2046
TPS2056
80 mW, dual
500 mA
500 mA
250 mA
250 mA
TPS2100/1
260 mW
IN1
500 mA
IN2
10 mA
OUT
IN1
IN2
TPS2102/3/4/5
IN1
500 mA
IN2
100 mA
1.3 W
TPS2043
TPS2053
TPS2047
TPS2057
80 mW, triple
500 mA
500 mA
250 mA
250 mA
TPS2044
TPS2054
TPS2048
TPS2058
80 mW, quad
500 mA
500 mA
250 mA
250 mA
80 mW, dual
TPS2080
TPS2081
TPS2082
TPS2090
500 mA
500 mA
500 mA
250 mA
TPS2091
TPS2092
250 mA
250 mA
80 mW, quad
TPS2085
TPS2086
TPS2087
TPS2095
500 mA
500 mA
500 mA
250 mA
TPS2096
TPS2097
250 mA
250 mA
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
8
7
6
5
GND
IN1
IN2
EN1†
OC
OUT1
OUT2
EN2†
TPS2090, TPS2091, AND TPS2092
D PACKAGE
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
GNDA
IN1
IN2
EN1†
GNDB
IN3
IN4
EN3†
OCA
OUT1
OUT2
EN2†
OCB
OUT3
OUT4
EN4†
TPS2095, TPS2096 AND TPS2097
D PACKAGE
(TOP VIEW)
† See Available Options table
† See Available Options table
(TOP VIEW)


Similar Part No. - TPS2091

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2091 TI-TPS2091 Datasheet
1Mb / 37P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2091D TI1-TPS2091D Datasheet
1Mb / 26P
POWER-DISTRIBUTION SWITCHES
TPS2091DG4 TI1-TPS2091DG4 Datasheet
1Mb / 26P
POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2091

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
POWER-DISTRIBUTION SWITCHES
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
POWER-DISTRIBUTION SWITCHES
TPS2044 TI-TPS2044 Datasheet
440Kb / 25P
QUAD POWER-DISTRIBUTION SWITCHES
TPS2048 TI-TPS2048 Datasheet
424Kb / 24P
QUAD CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
470Kb / 25P
POWER DISTRIBUTION SWITCHES
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2044 TI1-TPS2044_14 Datasheet
617Kb / 28P
QUAD POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com