Electronic Components Datasheet Search
  English  ▼

X  

TPS2140IPWP Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS2140IPWP
Description  ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB HIGH-POWER PERIPHERAL POWER MANAGEMENT
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2140IPWP Datasheet(HTML) 3 Page - Texas Instruments

  TPS2140IPWP Datasheet HTML 1Page - Texas Instruments TPS2140IPWP Datasheet HTML 2Page - Texas Instruments TPS2140IPWP Datasheet HTML 3Page - Texas Instruments TPS2140IPWP Datasheet HTML 4Page - Texas Instruments TPS2140IPWP Datasheet HTML 5Page - Texas Instruments TPS2140IPWP Datasheet HTML 6Page - Texas Instruments TPS2140IPWP Datasheet HTML 7Page - Texas Instruments TPS2140IPWP Datasheet HTML 8Page - Texas Instruments TPS2140IPWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
TPS2140, TPS2141
TPS2150, TPS2151
SLVS399 – JANUARY 2002
3
www.ti.com
functional block diagram
CS
2-Level
Current
Limit
Driver
SW_OUT
VREF
VREF
VCC
Select
Charge
Pump
Thermal
Sense
0.9 V to 3.3 V
250 mA
LDO
SW_IN
LDO_IN
SW_EN†
LDO_EN
GND
SW_OUT
SW_PG
SW_PLDN
LDO_PG
ADJ
LDO_OUT
LDO_PLDN
† The pin is active low for TPS2140 and TPS2141, with an internal pullup.
The pin is active high for TPS2150 and TPS2151, with an internal pulldown.
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
ADJ
9
I
Feedback adjustment of LDO regulator to set output voltage
GND
7
Ground
LDO_EN
6
I
Enable signal for LDO regulator, active high, no internal pullup or pulldown
LDO_IN
4
I
Input of LDO regulator
LDO_OUT
11
O
Output of LDO regulator
LDO_PG
8
O
Power good signal for LDO output, open-drain, active high
LDO_PLDN
10
I
Output pulldown pin used for LDO when connected to LDO_OUT
SW_EN or
SW_EN
5
I
Active-high enable for switch on TPS2150 and TPS2151 devices with internal pulldown
Active-low enable for switch on TPS2140 and TPS2141 devices with internal pullup
SW_IN
2, 3
I
Input of the switch
SW_OUT
12, 13
O
Output of switch
SW_PG
1
O
Power good signal for switch output, active high logic-level signal, no external pullup required.
SW_PLDN
14
I
Output pulldown pin used for switch when connected to SW_OUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com