Electronic Components Datasheet Search
  English  ▼

X  

FCR Datasheet(PDF) 1 Page - TT Electronics.

Part # FCR
Description  Fusible Chip Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

FCR Datasheet(HTML) 1 Page - TT Electronics.

  FCR Datasheet HTML 1Page - TT Electronics. FCR Datasheet HTML 2Page - TT Electronics. FCR Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Fusible Chip Resistors
FCR Series
Fusessafelyunderdefinedoverloadconditions
Combinesinrushlimitandboard-levelprotection
Standardchipformatsforfastplacement
RoHScompliantmatttinfinish
A subsidiary of
TT electronics plc
05 . 08
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited Bedlington Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 Facsimile: +44 (0) 1670 829465 Email: info@welwyn-tt.com Website: www.welwyn-tt.com
Fusible Chip
Resistors
Fuses safely under defined overload conditions
Combines inrush limit and board-level protection
Standard chip formats for fast placement
RoHS compliant matt tin finish
FCR Series
Electrical Data
0603
0805
1206
1210
2010
Power rating @ 70ºC
watts
0.063
0.1
0.125
0.25
0.5
Resistance range
ohms
5R6 – 33R
10 – 82R
10 – 300R
10 – 100R
Minimum power for <60s fusing time
watts
2
2.5
10–27R: 3.75
30-300R: 3.0
4.5
Maximum post-fuse standoff (dc or ac peak) volts
25
50
100
TCR
ppm/ºC
±500
Resistance tolerance
%
±5
Ambient temperature range
ºC
-55 to +125
Standard values
E24
Physical Data
Dimensions (mm) and weight (g)
L
W
C
A
T max
0603
1.6±0.15
0.8±0.2
0.25±0.2
0.25±0.2
0.65
0805
2.0±0.2
1.25±0.2
0.4±0.2
0.4±0.2
0.65
1206
3.2±0.15
1.6±0.15
0.5±0.2
0.5±0.2
0.70
1210
3.2±0.15
2.6±0.15
0.5±0.2
0.5±0.2
0.70
2010
5.0±0.15
2.5±0.2
0.6±0.25
0.6±0.25
0.71
Construction
Conductors, resistive element and protection are applied to a 96% alumina substrate. The design and laser
adjustment of the resistive element optimises the fusing performance of the resistor.
Terminations
The chips are supplied with wrap-around terminations suitable for soldering.
Solderability
The terminations have an electroplated nickel barrier and 100% matt tin finish. Thisensuresexcellent ‘leach’
resistance properties and solderability.
Marking
The body protection is resistant to all normal cleaning solvents suitable for printed circuits. All resistors are
individually marked with 3 digits. The first two digits are the significant figures and the third defines the number of
added zeros.
A subsidiary of
TT electronics plc
05 . 08
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited Bedlington Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 Facsimile: +44 (0) 1670 829465 Email: info@welwyn-tt.com Website: www.welwyn-tt.com
Fusible Chip
Resistors
Fuses safely under defined overload conditions
Combines inrush limit and board-level protection
Standard chip formats for fast placement
RoHS compliant matt tin finish
FCR Series
Electrical Data
0603
0805
1206
1210
2010
Power rating @ 70ºC
watts
0.063
0.1
0.125
0.25
0.5
Resistance range
ohms
5R6 – 33R
10 – 82R
10 – 300R
10 – 100R
Minimum power for <60s fusing time
watts
2
2.5
10–27R: 3.75
30-300R: 3.0
4.5
Maximum post-fuse standoff (dc or ac peak) volts
25
50
100
TCR
ppm/ºC
±500
Resistance tolerance
%
±5
Ambient temperature range
ºC
-55 to +125
Standard values
E24
Physical Data
Dimensions (mm) and weight (g)
L
W
C
A
T max
0603
1.6±0.15
0.8±0.2
0.25±0.2
0.25±0.2
0.65
0805
2.0±0.2
1.25±0.2
0.4±0.2
0.4±0.2
0.65
1206
3.2±0.15
1.6±0.15
0.5±0.2
0.5±0.2
0.70
1210
3.2±0.15
2.6±0.15
0.5±0.2
0.5±0.2
0.70
2010
5.0±0.15
2.5±0.2
0.6±0.25
0.6±0.25
0.71
Construction
Conductors, resistive element and protection are applied to a 96% alumina substrate. The design and laser
adjustment of the resistive element optimises the fusing performance of the resistor.
Terminations
The chips are supplied with wrap-around terminations suitable for soldering.
Solderability
The terminations have an electroplated nickel barrier and 100% matt tin finish. Thisensuresexcellent ‘leach’
resistance properties and solderability.
Marking
The body protection is resistant to all normal cleaning solvents suitable for printed circuits. All resistors are
individually marked with 3 digits. The first two digits are the significant figures and the third defines the number of
added zeros.
Resistors
AllpartsarePb-freeandcomplywithEUDirective2011/65/EU(RoHS2)
04.17
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
http://www.ttelectronics.com/resistors
BI Technologies IRC Welwyn


Similar Part No. - FCR

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
FCR WELWYN-FCR Datasheet
56Kb / 1P
Fusing Surface Mounted Resistors
logo
M-System Co.,Ltd.
FCR MSYSTEM-FCR Datasheet
112Kb / 4P
Space-saving Plug-in Signal Conditioners F-UNIT
logo
Stackpole Electronics, ...
FCR SEI-FCR Datasheet
321Kb / 4P
Trimmable Thick Film Chip Resistor
11/18/2020
logo
TE Connectivity Ltd
FCR TEC-FCR Datasheet
1Mb / 16P
Passive Components
August 2007
logo
YAGEO Corporation
FCR YAGEO-FCR Datasheet
932Kb / 15P
CARBON FILM RESISTORS
April 3, 2024 V.3
More results

Similar Description - FCR

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
WA84F WELWYN-WA84F Datasheet
76Kb / 2P
Fusible Wirewound Resistors
logo
ABCO ELECTRONICS CO.LTD
FR14W ABCO-FR14W Datasheet
570Kb / 1P
FIXED FUSIBLE RESISTORS
logo
RCD COMPONENTS INC.
FC1206ER-1R00-FB RCD-FC1206ER-1R00-FB Datasheet
27Kb / 1P
FUSIBLE CHIP RESISTORS
logo
RFE international
FM50M RFE-FM50M Datasheet
87Kb / 1P
FUSIBLE RESISTORS FM, FKN, & FSQ Series: Fusible
logo
Bourns Electronic Solut...
PWR4522AS8R20JA BOURNS-PWR4522AS8R20JA Datasheet
222Kb / 2P
Fusible Power Resistors
FW10A7R50JA BOURNS-FW10A7R50JA Datasheet
669Kb / 4P
Fusible Power Resistors
logo
Tyco Electronics
FRN25J100R MACOM-FRN25J100R Datasheet
99Kb / 3P
Flame-Proof Fusible Resistors
logo
Welwyn Components Limit...
WA84F-15RJI WELWYN-WA84F-15RJI Datasheet
274Kb / 2P
Fusible Wirewound Resistors
logo
Bourns Electronic Solut...
FWXXA BOURNS-FWXXA Datasheet
598Kb / 4P
Fusible Power Resistors
logo
RFE international
FM25 RFE-FM25 Datasheet
1Mb / 2P
Fusible Flameproof Resistors
01-MAR-2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com