Electronic Components Datasheet Search
  English  ▼

X  

TPS2090DR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2090DR
Description  QUAD POWER-DISTRIBUTION SWITCHES
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2090DR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS2090DR Datasheet HTML 4Page - Texas Instruments TPS2090DR Datasheet HTML 5Page - Texas Instruments TPS2090DR Datasheet HTML 6Page - Texas Instruments TPS2090DR Datasheet HTML 7Page - Texas Instruments TPS2090DR Datasheet HTML 8Page - Texas Instruments TPS2090DR Datasheet HTML 9Page - Texas Instruments TPS2090DR Datasheet HTML 10Page - Texas Instruments TPS2090DR Datasheet HTML 11Page - Texas Instruments TPS2090DR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
TPS2090, TPS2091, TPS2092 DUAL,
TPS2095, TPS2096, TPS2097 QUAD
POWER-DISTRIBUTION SWITCHES
SLVS245A – SEPTEMBER 2000 – REVISED MARCH 2001
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
RL
CL
OUTx
tr
tf
90%
90%
10%
10%
50%
50%
90%
10%
VO(OUTx)
VI(ENx)
VO(OUTx)
VOLTAGE WAVEFORMS
TEST CIRCUIT
ton
toff
50%
50%
90%
10%
VI(ENx)
VO(OUTx)
ton
toff
Figure 1. Test Circuit and Voltage Waveforms
Figure 2. Turnon Delay and Rise Time
With 0.1-
µF Load
Figure 3. Turnoff Delay and Fall Time
With 0.1-
µF Load
VO(OUT)
(2 V/div)
0
1
2
345
6
t – Time – ms
78
9
10
VI(IN) = 5 V
TA = 25°C
CL = 0.1 µF
RL = 20 Ω
VI(EN)
(5 V/div)
04
8
12
t – Time – ms
16
20
VI(IN) = 5 V
TA = 25°C
CL = 0.1 µF
RL = 20 Ω
VI(EN)
(5 V/div)
VO(OUT)
(2 V/div)
2
6
10
14
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com