Electronic Components Datasheet Search
  English  ▼

X  

F525 Datasheet(PDF) 2 Page - TT Electronics.

Part # F525
Description  Dual Function Fuse Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

F525 Datasheet(HTML) 2 Page - TT Electronics.

  F525 Datasheet HTML 1Page - TT Electronics. F525 Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dual Function
Fuse Resistors
F500 Series
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
F500 Series Issue February 2010 Sheet 2 of 2
Blow Time vs Current Graph
0
5
10
15
20
Blow Time (seconds)
0.01
0.1
1
10
Upper Limit
Rated Steady State Current
Actual Readings
Blown Region
All F 500 Style Fuse Resistors have been tested
and rated for Current v/s Maximum Blow Time
for blow times between 10 msec and 10 sec. A
general illustration is shown. Actual blow time
v/s current data may be obtained with each lot
shipment upon request when ordering.
U.L. Approved Dual Function
Fuse Resistors
Physical Data
0.140 ± 0.015
(3.6 ± 0.4mm)
0.400 Max
(10.2 mm)
Lead
Length
1.25 Min
(31.75mm)
(Lead Diameter #24 Awg)
0.020” (0.5mmA)
Ordering Data
Contact factory for ordering information.
Capability Data
Resistance Range
0.2Ω to 200Ω
Resistance Tolerance
10% STD, 5% and 2%
Operating Temperature
-55°C to +150°C
TCR
±150ppm <1Ω, ±50ppm, 1Ω and above
Construction
Intrinsically safe single fusing element - all welded construction - ceramic bobbin - ceramic
shell, air encapsulated.
Flameproof construction
Various quality assurance data options available, including conditioning and plot of blow
time vs. current.
04.17
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
http://www.ttelectronics.com/resistors
BI Technologies IRC Welwyn



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com