Electronic Components Datasheet Search
  English  ▼

X  

AD571JD Datasheet(PDF) 4 Page - Analog Devices

Part # AD571JD
Description  10-Bit A/D Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD571JD Datasheet(HTML) 4 Page - Analog Devices

  AD571JD Datasheet HTML 1Page - Analog Devices AD571JD Datasheet HTML 2Page - Analog Devices AD571JD Datasheet HTML 3Page - Analog Devices AD571JD Datasheet HTML 4Page - Analog Devices AD571JD Datasheet HTML 5Page - Analog Devices AD571JD Datasheet HTML 6Page - Analog Devices AD571JD Datasheet HTML 7Page - Analog Devices AD571JD Datasheet HTML 8Page - Analog Devices AD571JD Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AD571
REV.
–3–
ABSOLUTE MAXIMUM RATINGS
V+ to Digital Common
AD571J . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 V to +7 V
AD571K . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 V to +16.5 V
V– to Digital Common . . . . . . . . . . . . . . . . . . . 0 V to –16.0 V
Analog Common to Digital Common . . . . . . . . . . . . . . .
±1 V
Analog Input to Analog Common . . . . . . . . . . . . . . . . .
±15 V
Control Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 V to V+
Digital Outputs (Blank Mode) . . . . . . . . . . . . . . . . . . 0 V to V+
Power Dissipation. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 800 mW
CIRCUIT DESCRIPTION
The AD571 is a complete 10-bit A/D converter which requires
no external components to provide the complete successive-
approximation analog-to-digital conversion function. A block
diagram of the AD571 is shown on front page of this data sheet.
Upon receipt of the
CONVERT command, the internal 10-bit
current output DAC is sequenced by the I
2L successive-
approximation register (SAR) from its most-significant bit
(MSB) to least-significant bit (LSB) to provide an output cur-
rent which accurately balances the input signal current through
the 5 k
Ω input resistor. The comparator determines whether the
addition of each successively-weighted bit current causes the
DAC current sum to be greater or less than the input current; if
the sum is less the bit is left on, if more, the bit is turned off. Af-
ter testing all the bits, the SAR contains a 10-bit binary code
which accurately represents the input signal to within
±1/2 LSB
(0.05%).
Upon completion of the sequence, the SAR sends out a
DATA
READY signal (active low), which also brings the three-state
buffers out of their “open” state, making the bit output lines be-
come active high or low, depending on the code in the SAR.
When the BLANK and
CONVERT line is brought high, the
output buffers again go “open”, and the SAR is prepared for
another conversion cycle. Details of the timing are given in the
Control and Timing section.
The temperature compensated buried Zener reference provides
the primary voltage reference to the DAC and guarantees excel-
lent stability with both time and temperature. The bipolar offset
input controls a switch which allows the positive bipolar offset
current (exactly equal to the value of the MSB less 1/2 LSB)
to be injected into the summing (+) node of the comparator to
offset the DAC output. Thus the nominal 0 V to +10 V unipo-
lar input range becomes a –5 V to +5 V range. The 5 k
Ω thin-
film input resistor is trimmed so that with a full-scale input
signal, an input current will be generated which exactly matches
the DAC output with all bits on. (The input resistor is trimmed
slightly low to facilitate user trimming, as discussed on the next
page.)
POWER SUPPLY SELECTION
The AD571 is designed for optimum performance using a +5 V
and –15 V supply, for which the AD571J and AD571S are
specified. AD571K will also operate with up to a +15 V supply,
which allows direct interface to CMOS logic. The input logic
threshold is a function of V+ as shown in Figure 1. The supply
current drawn by the device is a function of both V+ and the
operating mode (BLANK or CONVERT). These supply cur-
rents variations are shown in Figure 2. The supply currents
change only moderately over temperature as shown in Figure 6.
V+ – Volts
9
4
1
516
6
7
8
9
10
1112
1314
15
8
5
3
2
7
6
Figure 1. Logic Threshold (AD571K Only)
V+/V– – Volts
12
4
1
516
67
8
9
1011
12
13
1415
11
5
3
2
10
6
7
8
9
I–, CONVERT MODE
AIN = 0 to +10V
I–, BLANK MODE
I+, CONVERT MODE
VIN = 0V
I+, CONVERT MODE
VIN = +10V
I+, BLANK MODE
4.5
Figure 2. Supply Currents vs. Supply Levels and
Operating Modes
CONNECTING THE AD571 FOR STANDARD OPERATION
The AD571 contains all the active components required to per-
form a complete A/D conversion. For most situations, all that is
necessary is connection of the power supply (+5 V and –15 V), the
analog input, and the conversion start pulse. However, there are
some features and special connections which should be consid-
ered for optimum performance. The functional pinout is shown
in Figure 3.
B



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com