Electronic Components Datasheet Search
  English  ▼

X  

AD673 Datasheet(PDF) 3 Page - Analog Devices

Part # AD673
Description  8-Bit A/D Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD673 Datasheet(HTML) 3 Page - Analog Devices

  AD673 Datasheet HTML 1Page - Analog Devices AD673 Datasheet HTML 2Page - Analog Devices AD673 Datasheet HTML 3Page - Analog Devices AD673 Datasheet HTML 4Page - Analog Devices AD673 Datasheet HTML 5Page - Analog Devices AD673 Datasheet HTML 6Page - Analog Devices AD673 Datasheet HTML 7Page - Analog Devices AD673 Datasheet HTML 8Page - Analog Devices AD673 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AD673–SPECIFICATIONS
AD673J
AD673S
Model
Min
Typ
Max
Min
Typ
Max
Units
RESOLUTION
8
8
Bits
RELATIVE ACCURACY,
l
1/2
1/2
LSB
TA = TMIN to TMAX
1/2
1/2
LSB
FULL-SCALE CALIBRATION
2
±2
±2
LSB
UNIPOLAR OFFSET
1/2
1/2
LSB
BIPOLAR OFFSET
1/2
1/2
LSB
DIFFERENTIAL NONLINEARITY,3
88
Bits
TA = TMIN to TMAX
88
Bits
TEMPERATURE RANGE
0
+70
–55
+125
°C
TEMPERATURE COEFFICIENTS
Unipolar Offset
1
1
LSB
Bipolar Offset
1
1
LSB
Full-Scale Calibration
2
2
2
LSB
POWER SUPPLY REJECTION
Positive Supply
+4.5
≤ V+ ≤ +5.5 V
2
2
LSB
Negative Supply
–15.75 V
≤ V– ≤ –14.25 V
2
2
LSB
–12.6 V
≤ V– ≤ –11.4 V
2
2
LSB
ANALOG INPUT IMPEDANCE
3.0
5.0
7.0
3.0
5.0
7.0
k
ANALOG INPUT RANGES
Unipolar
0
+10
0
+10
V
Bipolar
–5
+5
–5
+5
V
OUTPUT CODING
Unipolar
Positive True Binary
Positive True Binary
Bipolar
Positive True Offset Binary
Positive True Offset Binary
LOGIC OUTPUT
Output Sink Current
(VOUT = 0.4 V max, TMIN to TMAX)
3.2
3.2
mA
Output Source Current
4
(VOUT = 2.4 V min, TMIN to TMAX)
0.5
0.5
mA
Output Leakage
40
40
µA
LOGIC INPUTS
Input Current
100
100
µA
Logic “1”
2.0
2.0
V
Logic “0”
0.8
0.8
V
CONVERSION TIME, TA and
TMIN to TMAX
10
20
30
10
20
30
µs
POWER SUPPLY
V+
+4.5
+5.0
+7.0
+4.5
+5.0
+7.0
V
V–
–11.4
–15
–16.5
–11.4
–15
–16.5
V
OPERATING CURRENT
V+
15
20
15
20
mA
V–
9
15
9
15
mA
NOTES
1Relative accuracy is defined as the deviation of the code transition points from the ideal transfer point on a straight line from the zero to the full scale of the device.
2Full-scale calibration is guaranteed trimmable to zero with an external 200
Ω potentiometer in place of the 15 Ω fixed resistor.
Full scale is defined as 10 volts minus 1 LSB, or 9.961 V.
3Defined as the resolution for which no missing codes will occur.
4The data output lines have active pull-ups to source 0 5 mA. The DATA READY line is open collector with a nominal 6 k
Ω internal pull-up resistor.
Specifications subject to change without notice.
Specifications shown in boldface are tested on all production units at final electrical test. Results from those tests are used to calculate outgoing quality levels. All min
and max specifications are guaranteed, although only those shown in boldface are tested on all production units.
(TA = +25 C, V+ = +5 V, V– = –12 V or –15 V, all voltages measured with respect to
digital common, unless otherwise noted)
REV. A
–2–



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com