Electronic Components Datasheet Search
  English  ▼

X  

OP249 Datasheet(PDF) 13 Page - Analog Devices

Part # OP249
Description  Precision JFET, High Speed, Dual Operational Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP249 Datasheet(HTML) 13 Page - Analog Devices

Back Button OP249 Datasheet HTML 9Page - Analog Devices OP249 Datasheet HTML 10Page - Analog Devices OP249 Datasheet HTML 11Page - Analog Devices OP249 Datasheet HTML 12Page - Analog Devices OP249 Datasheet HTML 13Page - Analog Devices OP249 Datasheet HTML 14Page - Analog Devices OP249 Datasheet HTML 15Page - Analog Devices OP249 Datasheet HTML 16Page - Analog Devices OP249 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
OP249
Data Sheet
Rev. I | Page 12 of 18
80
20
0
40
60
TEMPERATURE (°C)
–75
–50
–25
0
25
50
75
100
125
TA = 25°C
VCM = 0V
Figure 36. Input Offset Current vs. Temperature
12000
4000
2000
0
6000
8000
10000
TEMPERATURE (°C)
–75
–50
–25
0
25
50
75
100
125
VS = ±15V
RL = 10kΩ
RL = 2kΩ
Figure 37. Open-Loop Gain vs. Temperature
80
20
0
40
60
SINK
VS = ±15V
TEMPERATURE (°C)
–75
–50
–25
0
25
50
75
100
125
SOURCE
Figure 38. Short-Circuit Output Current vs. Junction Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com