Electronic Components Datasheet Search
  English  ▼

X  

OP270 Datasheet(PDF) 10 Page - Analog Devices

Part # OP270
Description  Dual Very Low Noise Precision Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP270 Datasheet(HTML) 10 Page - Analog Devices

Back Button OP270 Datasheet HTML 6Page - Analog Devices OP270 Datasheet HTML 7Page - Analog Devices OP270 Datasheet HTML 8Page - Analog Devices OP270 Datasheet HTML 9Page - Analog Devices OP270 Datasheet HTML 10Page - Analog Devices OP270 Datasheet HTML 11Page - Analog Devices OP270 Datasheet HTML 12Page - Analog Devices OP270 Datasheet HTML 13Page - Analog Devices OP270 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Data Sheet
OP270
Rev. F | Page 9 of 20
28
20
24
0
4
8
12
16
FREQUENCY (Hz)
1k
10k
100k
1M
10M
TA = 25°C
VS = ±15V
THD = 1%
Figure 21. Maximum Output Swing vs. Frequency
15
12
13
14
5
6
7
8
9
10
11
LOAD RESISTANCE (Ω)
100
1k
10k
TA = 25°C
VS = ±15V
POSITIVE
SWING
NEGATIVE
SWING
Figure 22. Maximum Output Voltage vs. Load Resistance
50
40
0
10
20
30
CAPACITIVE LOAD (pF)
0
200
400
600
800
1000
TA = 25°C
VS = ±15V
VIN = 100mV
AV = +1
Figure 23. Small-Signal Overshoot vs. Capacitive Load
100
75
0
25
50
FREQUENCY (Hz)
1k
10k
100k
1M
10M
TA = 25°C
VS = ±15V
AV = 100
AV = 10
AV = 1
Figure 24. Output Impedance vs. Frequency
2.2
2.3
2.4
2.5
2.6
2.7
2.8
TEMPERATURE (°C)
VS = ±15V
–75
–50
–25
25
50
75
100
125
0
–SR
+SR
Figure 25. Slew Rate vs. Temperature
190
150
160
170
180
70
80
90
100
110
120
130
140
FREQUENCY (Hz)
1
10
1k
10k
100k
1M
100
TA = 25°C
VS = ±15V
VO = 20V p-p TO 10kHz
Figure 26. Channel Separation vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com