Electronic Components Datasheet Search
  English  ▼

X  

OP270GP Datasheet(PDF) 21 Page - Analog Devices

Part # OP270GP
Description  Dual Very Low Noise Precision Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP270GP Datasheet(HTML) 21 Page - Analog Devices

Back Button OP270GP Datasheet HTML 13Page - Analog Devices OP270GP Datasheet HTML 14Page - Analog Devices OP270GP Datasheet HTML 15Page - Analog Devices OP270GP Datasheet HTML 16Page - Analog Devices OP270GP Datasheet HTML 17Page - Analog Devices OP270GP Datasheet HTML 18Page - Analog Devices OP270GP Datasheet HTML 19Page - Analog Devices OP270GP Datasheet HTML 20Page - Analog Devices OP270GP Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
OP270
Data Sheet
Rev. F | Page 20 of 20
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
COMPLIANT TO JEDEC STANDARDS MS-013-AA
10.50 (0.4134)
10.10 (0.3976)
0.30 (0.0118)
0.10 (0.0039)
2.65 (0.1043)
2.35 (0.0925)
10.65 (0.4193)
10.00 (0.3937)
7.60 (0.2992)
7.40 (0.2913)
0.75 (0.0295)
0.25 (0.0098)
45°
1.27 (0.0500)
0.40 (0.0157)
COPLANARITY
0.10
0.33 (0.0130)
0.20 (0.0079)
0.51 (0.0201)
0.31 (0.0122)
SEATING
PLANE
8°
0°
16
9
8
1
1.27 (0.0500)
BSC
Figure 50. 16-Lead Standard Small Outline Package [SOIC_W]
Wide Body
S-Suffix
(RW-16)
Dimensions shown in millimeters and (inches)
ORDERING GUIDE
Model1
TA = +25°C
VOS Max (μV)
θJC
(°C/W)
θJA2
(°C/W)
Temperature Range
Package Description
Package
Option
OP270EZ
75
12
134
−40°C to +85°C
8-Lead CERDIP
Q-8 (Z-Suffix)
OP270FZ
150
12
134
−40°C to +85°C
8-Lead CERDIP
Q-8 (Z-Suffix)
OP270GP
250
37
96
−40°C to +85°C
8-Lead PDIP
N-8 (P-Suffix)
OP270GPZ
−40°C to +85°C
8-Lead PDIP
N-8 (P-Suffix)
OP270GS
250
27
92
−40°C to +85°C
16-Lead SOIC_W
RW-16 (S-Suffix)
OP270GS-REEL
−40°C to +85°C
16-Lead SOIC_W
RW-16 (S-Suffix)
OP270GSZ
−40°C to +85°C
16-Lead SOIC_W
RW-16 (S-Suffix)
OP270GSZ-REEL
−40°C to +85°C
16-Lead SOIC_W
RW-16 (S-Suffix)
1 The OP270GPZ, OP270GSZ, and OP270GSZ-REEL are RoHS compliant parts.
2 θJA is specified for worst-case mounting conditions, that is, θJA is specified for device in socket for CERDIP and PDIP packages; θJA is specified for device soldered to
printed circuit board for SOIC package.
©2001–2015 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D00325-0-10/15(F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com