Electronic Components Datasheet Search
  English  ▼

X  

AD7878LP Datasheet(PDF) 17 Page - Analog Devices

Part # AD7878LP
Description  LC2MOS Complete 12-Bit 100 kHz Sampling ADC with DSP Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7878LP Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7878LP Datasheet HTML 9Page - Analog Devices AD7878LP Datasheet HTML 10Page - Analog Devices AD7878LP Datasheet HTML 11Page - Analog Devices AD7878LP Datasheet HTML 12Page - Analog Devices AD7878LP Datasheet HTML 13Page - Analog Devices AD7878LP Datasheet HTML 14Page - Analog Devices AD7878LP Datasheet HTML 15Page - Analog Devices AD7878LP Datasheet HTML 16Page - Analog Devices AD7878LP Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
AD7878
–16–
REV. A
Table IV. TMS32010/TMS32020 Interface Connections
IDC
Signal Connect
TMS32010
TMS32020
Contact No.
Mnemonic
Signal
Signal
1R/
W
—R/
W
2
STRB
—
STRB
3
DMRD
DEN
—
4
DMWR
WE
—
5
CS
CS
CS
6
READY
—
READY
7
RESET
RESET
RESET
8
ALFL
INT
INT
9
ADD0
PA0
A0
10
CLK
CLKOUT
CLKOUT2
11
DB10
D10
D10
12
DB11
D11
D11
13
DB8
D8
D8
14
DB9
D9
D9
15
DB6
D6
D6
16
DB7
D7
D7
17
DB4
D4
D4
18
DB5
D5
D5
19
DB2
D2
D2
20
DB3
D3
D3
21
DB0
D0
D0
22
DB1
D1
D1
23
5 V
5 V
5 V
24
5 V
5 V
5 V
25
GND
GND
GND
26
GND
GND
GND
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
28-Pin Plastic DIP (N-28)
28-Pin Cerdip (Q-28)
28-Pin Ceramic DIP (D-28)
28-Terminal PLCC (P-28A)
28-Terminal LCCC (E-28A)
NOTE
1Analog Devices reserves the right to ship either cerdip or ceramic hermetic
packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com