Electronic Components Datasheet Search
  English  ▼

X  

OP497GS Datasheet(PDF) 16 Page - Analog Devices

Part # OP497GS
Description  Precision Picoampere Input Current Quad Operational Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP497GS Datasheet(HTML) 16 Page - Analog Devices

Back Button OP497GS Datasheet HTML 9Page - Analog Devices OP497GS Datasheet HTML 10Page - Analog Devices OP497GS Datasheet HTML 11Page - Analog Devices OP497GS Datasheet HTML 12Page - Analog Devices OP497GS Datasheet HTML 13Page - Analog Devices OP497GS Datasheet HTML 14Page - Analog Devices OP497GS Datasheet HTML 15Page - Analog Devices OP497GS Datasheet HTML 16Page - Analog Devices OP497GS Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
OP497
Rev. E | Page 15 of 16
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
OP497FP
−40°C to +85°C
14-Lead Plastic Dual In-Line Package [PDIP]
N-14
OP497FPZ1
−40°C to +85°C
14-Lead Plastic Dual In-Line Package [PDIP]
N-14
OP497GP
−40°C to +85°C
14-Lead Plastic Dual In-Line Package [PDIP]
N-14
OP497GPZ1
−40°C to +85°C
14-Lead Plastic Dual In-Line Package [PDIP]
N-14
OP497FS
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_W]
RW-16
OP497FS-REEL
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_W]
RW-16
OP497FSZ1
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_W]
RW-16
OP497FSZ-REEL
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_W]
RW-16
OP497GS
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_W
RW-16
OP497GS-REEL
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_W]
RW-16
OP497GSZ1
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_W]
RW-16
OP497GSZ-REEL1
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_W]
RW-16
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com