Electronic Components Datasheet Search
  English  ▼

X  

LTL-4211 Datasheet(PDF) 7 Page - Lite-On Technology Corporation

Part # LTL-4211
Description  Through Hole Lamp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL-4211 Datasheet(HTML) 7 Page - Lite-On Technology Corporation

  LTL-4211 Datasheet HTML 1Page - Lite-On Technology Corporation LTL-4211 Datasheet HTML 2Page - Lite-On Technology Corporation LTL-4211 Datasheet HTML 3Page - Lite-On Technology Corporation LTL-4211 Datasheet HTML 4Page - Lite-On Technology Corporation LTL-4211 Datasheet HTML 5Page - Lite-On Technology Corporation LTL-4211 Datasheet HTML 6Page - Lite-On Technology Corporation LTL-4211 Datasheet HTML 7Page - Lite-On Technology Corporation LTL-4211 Datasheet HTML 8Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LITE-ON TECHNOLOGY CORPORATION
P r o p e r t y o f L i t e - O n O n l y
CAUTIONS
1. Application limitation
The LEDs described here are intended to be used for ordinary electronic equipment (such as office equipment,
communication equipment and household application.) Consult Liteon’s sales in advance for information on
application in which exceptional quality and reliability are required, particularly when the failure or malfunction
of the LEDs may directly jeopardize life or health (such as airplanes, automobiles, traffic control equipment, life
support system and safety devices).
2. Storage
After being shipped from Liteon the LEDs should be kept at 30°C or less and 70%RH or less.
The LEDs should be used within 3 months. They can be stored for a year in a sealed container with a nitrogen
atmosphere and moisture absorbent material. Please avoid rapid transitions in ambient temperature in high
humidity environments where condensation may occur.
3. Cleaning
Use alcohol-based cleaning solvents such as isopropyl alcohol to clean the LED.
4. Forming & Mounting
When forming a lead, the leads should be bent at a point at least 3mm from the base of epoxy bulb. Do not use
the base of the leadframe as a fulcrum during forming. Lead forming must be done before soldering at normal
temperature. When mounted through hole type LED lamp, avoid the occurrence of residual mechanical stress
due to clinching as figure shown here.
5. Soldering
When soldering, leave a minimum of 2mm clearance from the resin to the soldering point.
Dipping the resin into the solder must be avoided.
Do not apply any stress to the lead frame during soldering while the LED is at high temperature.
Recommended soldering condition
Soldering iron
Wave soldering
Temperature
Soldering time
300°C Max.
3 sec. Max.
(one time only)
Pre-heat
Pre-heat time
Solder wave
Soldering time
100°C Max.
60 sec. Max.
260°C Max.
10 sec. Max.
6. Drive Method
LED is a current operated device, and therefore, requires some kind of current limiting incorporated into the
drive circuit. This current limiting typically takes the form of a current limiter resistor placed in series with
the LED. Consider worst case voltage variations that could occur across the current limiting resistor.
The forward current should not be allowed to change by more than 40% of its desired value.
Circuit model A
Circuit model B
LED
LED
(A) Recommended circuit.
(B) The difference of brightness between LEDs could be found due to the Vf-If characteristics of LED
Part No. : LTL-4211
Page :
6
of
7
BNS-OD-C131/A4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com