Electronic Components Datasheet Search
  English  ▼

X  

MBR1520F Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MBR1520F
Description  15 Amp Schottky Barrier Rectifier 20 to 60 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBR1520F Datasheet(HTML) 1 Page - Micro Commercial Components

  MBR1520F Datasheet HTML 1Page - Micro Commercial Components MBR1520F Datasheet HTML 2Page - Micro Commercial Components MBR1520F Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MBR1
520F
THRU
MBR1
560F
1
5 Amp
Schottky
Barrier
Rectifier
20 to
60 Volts
Features
Maximum Ratings
•
Operating Junction Temperature: -5
5°C to +125°C
•
Storage Temperature: -5
5°C to +150°C
MCC
Catalog
Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MBR1
520F
20V
14V
20V
MBR1
530F
3
0V
21V
3
0V
MBR1
540F
40V
2
8V
40V
MBR1
545F
45V
3
1.5V
45V
MBR1
550F
50V
35V
50V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1
5 A
See Fig 1
Peak Forward Surge
Current
IFSM
150A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
1
520F-1545F
VF
.
63V
.75V
IFM = 1
5A;
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
TJ = 25
°C
MBR1
560F
60V
42V
60V
IR
1
550F-1560F
0.
1mA
TC = 25
°C
20mA
TC = 100
°C

INCHES
MM
DIM
MIN
MAX
MIN
MAX
A
.5
67
.606
14.
40
15.40
B
---
.406
---
10.30

A
B
C
J
I
H
F
E
D
M
L
K
G
PIN 1
PIN
12
ITO-220AC
C
.100
.112
2.55
2.85
D
.248
.272
6.30
6.90
E
---
.161
---
4.10
F
.5
04
.543
1
2.70
13.80
G
.200
5.10
H
---
.035
---
0.90
I
---
.032
---
0.80
J
.
102
.134
2.60
3.40
K
---
.189
---
4.80
L
---
.123
---
3.10
M
.098
.114
2.50
2.90
PIN 2
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
Revision: A
2016/10/01
www.mccsemi.com
1 of 3
Notes:1. High Temperature Solder Exemption Applied, see EU Directive Annex 7.
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Halogen free available upon request by adding suffix "-HF"
•
High frequency operation
•
Low Forward Voltage
•
Marking : type number
•
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
Micro Commercial Components
M C C
R


Similar Part No. - MBR1520F

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR1520 MCC-MBR1520 Datasheet
98Kb / 2P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Shanghai Lunsure Electr...
MBR1520 CHENYI-MBR1520 Datasheet
74Kb / 2P
15Amp schottky barrier rectifier 20to100 volts
logo
Micro Commercial Compon...
MBR1520 MCC-MBR1520 Datasheet
101Kb / 3P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBR1520 KERSEMI-MBR1520 Datasheet
831Kb / 2P
Metal of siliconrectifier, majonty carrier conducton
MBR1520 KERSEMI-MBR1520 Datasheet
470Kb / 2P
Metal of siliconrectifier, majonty carrier conducton
More results

Similar Description - MBR1520F

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR1620 MCC-MBR1620 Datasheet
114Kb / 2P
16 Amp Schottky Barrier Rectifier 20 to 60 Volts
MBR3020WT MCC-MBR3020WT Datasheet
1Mb / 2P
30 Amp Schottky Barrier Rectifier 20 to 60 Volts
MBR4020WT MCC-MBR4020WT Datasheet
1Mb / 2P
40 Amp Schottky Barrier Rectifier 20 to 60 Volts
MBR720 MCC-MBR720 Datasheet
107Kb / 2P
7.5 Amp Schottky Barrier Rectifier 20 to 60 Volts
SRD602 MCC-SRD602 Datasheet
375Kb / 2P
Schottky Barrier Rectifier 20 to 60 Volts 6.0 Amp
MBR3020PT MCC-MBR3020PT Datasheet
1Mb / 3P
30 Amp Schottky Barrier Rectifier 20 to 60 Volts
MBR720 MCC-MBR720_08 Datasheet
113Kb / 3P
7.5 Amp Schottky Barrier Rectifier 20 to 60 Volts
MBRX02520 MCC-MBRX02520_08 Datasheet
198Kb / 5P
0.25 Amp Schottky Barrier Rectifier 20 to 60 Volts
logo
Kersemi Electronic Co.,...
MBR4040CT KERSEMI-MBR4040CT Datasheet
1Mb / 2P
40 Amp Schottky Barrier Rectifier 20 to 60 Volts
logo
Micro Commercial Compon...
MBRB1620CT MCC-MBRB1620CT_17 Datasheet
592Kb / 3P
16 Amp Schottky Barrier Rectifier 20 to 60 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com