Electronic Components Datasheet Search
  English  ▼

X  

MBR2520CT Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MBR2520CT
Description  25 Amp Schottky Barrier Rectifier 20 to 100 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBR2520CT Datasheet(HTML) 1 Page - Micro Commercial Components

  MBR2520CT Datasheet HTML 1Page - Micro Commercial Components MBR2520CT Datasheet HTML 2Page - Micro Commercial Components MBR2520CT Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MBR2520CT
THRU
MBR2560CT
25 Amp
Schottky
Barrier Rectifier
20 to 100 Volts
Features
•
High surge capacity
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +175°C
MCC
Catalog
Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MBR2520CT
20V
14V
20V
MBR2530CT
30V
21V
30V
MBR2535CT
35V
24.5V
35V
MBR2540CT
40V
28V
40V
MBR2545CT
45V
31.5V
45V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
25
A
Tc = 130
°C
Peak Forward Surge
Current
IFSM
150A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
2520CT-2540CT
2545CT-2560CT
VF
.82V
.75V
IFM = 25A;
IFM = 15A;per leg
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
Typical Junction
Capacitance
CJ
450pF
Measured at
1.0MHz, VR=4.0V
2520CT-2540CT
2545CT-2560CT
0.2mA
TA = 25
°C
IR
1mA
TO-220AB
MBR2560CT
60V
42V
60V
TA = 25
°C
PIN 1
PIN 3
PIN 2
CASE
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
C
20
14/04/14
TM
Micro Commercial Components
Maximum Ratings
www.mccsemi.com
1 of 3
MIN
MAX
NOTE
A
.560
.625
14.22
15.88
B
.380
.420
9.65
10.67
C
.140
.190
3.56
4.82
D
.020
.045
0.51
1.14
F
.139
.161
3.53
4.09
∅
G
.190
.110
2.29
2.79
H
---
.250
---
6.35
J
.012
.025
0.30
0.64
K
.500
.580
12.70
14.73
L
.045
.060
1.14
1.52
N
.190
.210
4.83
5.33
Q
.100
.135
2.54
3.43
R
.080
.115
2.04
2.92
S
.045
.055
1.14
1.39
T
.230
.270
5.84
6.86
U
-----
.050
-----
1.27
V
.045
-----
1.15
-----
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
G
R
B
Q
H
U
L
D
C
J
K
A
F
S
T
1
3
2
N
V
•
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
Notes:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.
Mounting Torgue: 5 in-lbs Maximum
•
•
Epoxy meets UL 94 V-0 flammability rating
•
Halogen free available upon request by adding suffix "-HF"
•
Moisture Sensitivity Level 1
•
Marking : type number
•
Meatl of Silicon Rectifier, Majority Conduction
•
Guard ring for transient protection
•
High Current Capability, High Efficiency


Similar Part No. - MBR2520CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR2520CT MCC-MBR2520CT Datasheet
99Kb / 2P
25 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Shanghai Lunsure Electr...
MBR2520CT CHENYI-MBR2520CT Datasheet
218Kb / 2P
25Amp schottky barrier rectifier 20to100 volts
logo
Micro Commercial Compon...
MBR2520CT MCC-MBR2520CT Datasheet
115Kb / 3P
30 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBR2520CT KERSEMI-MBR2520CT Datasheet
820Kb / 2P
25 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Yea Shin Technology Co....
MBR2520CT YEASHIN-MBR2520CT Datasheet
1Mb / 4P
25 AMPERE SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MBR2520CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR2520 MCC-MBR2520 Datasheet
98Kb / 2P
25 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2520CT MCC-MBR2520CT Datasheet
99Kb / 2P
25 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRB2520 MCC-MBRB2520 Datasheet
86Kb / 2P
25 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRB2520CT MCC-MBRB2520CT Datasheet
86Kb / 2P
25 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRF2520CT MCC-MBRF2520CT Datasheet
400Kb / 2P
25 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBR2020FCT KERSEMI-MBR2020FCT Datasheet
1Mb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2030 KERSEMI-MBR2030 Datasheet
820Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2540CT KERSEMI-MBR2540CT Datasheet
820Kb / 2P
25 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2545 KERSEMI-MBR2545 Datasheet
819Kb / 2P
25 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRF20100 KERSEMI-MBRF20100 Datasheet
632Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com