Electronic Components Datasheet Search
  English  ▼

X  

MBR20100PS Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MBR20100PS
Description  20 Amp Schottky Barrier Rectifier 100 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBR20100PS Datasheet(HTML) 1 Page - Micro Commercial Components

  MBR20100PS Datasheet HTML 1Page - Micro Commercial Components MBR20100PS Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MBR20100
PS
20
Amp
Schottky Barrier
Rectifier
Features
Maximum Ratings
MBR20100
PS
20100
100
V
70
V
100
V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
20
A
TL = 120
°C
Peak Forward Surge
Current
IFSM
275
A
8.3ms, half sine
Maximum Forward
Voltage Drop Per
Element
VF
.85V
IFM = 20 A
IR
0.1
5mA T
J = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
A
20
13/08/29
TM
Micro Commercial Components
www.mccsemi.com
1 of 2
•
Operating Temperature: -55
°C to +125°C
•
Storage Temperature: -55
°C to +125°C
•
Low forward voltage drop
•
Super long operating life
•
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
Notes: 1. High Temperature Solder Exemption Applied, see EU Directive Annex 7.
TO-277A
100
Volts
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
PIN 3
HEAT SINK
PIN 2
PIN 1
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MCC
Part Number
•
Halogen free available upon request by adding suffix "-HF"

INCHES
MM






A.039
.047
1.00
1.20
A2
.006
.017
0.20
0.30
b1
.030
.041
1.10
1.20
b2
.065
.077
1.90
2.10
D
.148
.169
4.20
4.40
D2
.110
.126
3.95
4.05
E
.250
.264
6.30
6.50
e
.065
.077
2.00
2.10
E1
.207
.228
5.90
6.10
E2
.149
.157
3.79
3.99
L
.027
.031
0.68
0.78
W
.025
.029
0.63
0.73
F
.022
.026
0.55
0.65
G
.177
.185
4.50
4.70


Similar Part No. - MBR20100PS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
MBR20100P IRF-MBR20100P Datasheet
256Kb / 7P
SCHOTTKY RECTIFIER 20 Amp
MBR20100PBF IRF-MBR20100PBF Datasheet
256Kb / 7P
SCHOTTKY RECTIFIER 20 Amp
logo
Taiwan Semiconductor Co...
MBR20100PT TSC-MBR20100PT Datasheet
365Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
MBR20100PT TSC-MBR20100PT Datasheet
620Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
MBR20100PT TSC-MBR20100PT Datasheet
220Kb / 4P
Dual Common Cathode Schottky Rectifier
More results

Similar Description - MBR20100PS

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR2020CT MCC-MBR2020CT Datasheet
67Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRB2020CT MCC-MBRB2020CT Datasheet
96Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBR2020FCT KERSEMI-MBR2020FCT Datasheet
1Mb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2030 KERSEMI-MBR2030 Datasheet
820Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2060 KERSEMI-MBR2060 Datasheet
459Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRF20100 KERSEMI-MBRF20100 Datasheet
632Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2030CT KERSEMI-MBR2030CT Datasheet
787Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
MBR20100CT-BP MCC-MBR20100CT-BP Datasheet
279Kb / 3P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2020CT MCC-MBR2020CT_13 Datasheet
279Kb / 3P
20 Amp 20 to 100 Volts Barrier Rectifier Schottky
MBRD20100 MCC-MBRD20100 Datasheet
606Kb / 3P
20 Amp Schottky Barrier Rectifier 100 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com