Electronic Components Datasheet Search
  English  ▼

X  

MBRB1035 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # MBRB1035
Description  10 Amp Schottky Barrier Rectifier 20 to 200 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBRB1035 Datasheet(HTML) 2 Page - Micro Commercial Components

  MBRB1035 Datasheet HTML 1Page - Micro Commercial Components MBRB1035 Datasheet HTML 2Page - Micro Commercial Components MBRB1035 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SR1050-SR10200
SR1020-SR1040
RATING AND CHARACTERISTIC CURVES
MBRB1020 thru MBRB10200
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
12
10
8
RESISTIVE OR INDUCTVE LOAD
6
4
2
MBRB1050-MBR10200
MBRB1020-MBR1040
175
150
125
100
75
50
0
20
40
60
80
100
120
150
LEAD
TEMPERATURE (
C)
25
0.1
1
10
100
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
50
TJ=125 C
10
20
10
TJ=125 C
1
TJ=25 C
1
PULSE WIDTH=300
S
1% DUTY CYCLE
TJ=75 C
0.1
0.1
MBRB1050-MBR10200
MBRB1020-MBR1040
0.01
TJ=25 C
0.01
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0 1.1
1.2
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
0.001
0
MBRB1050-MBR10200
MBRB1020-MBR1040
20
40
60
80
100
PERCENT OF RATED PEAK REVERSE VOLTAGE%
FIG.5 - TYPICAL JUNCTION CAPACITANCE
FIG.6 - TYPICAL TRANSIENT THERMAL IMPEDANCE
4000
1000
100
TJ=25 C
f=1.0MHZ
Vsig=50mVp-p
10
1
MBRB1050-MBR10200
MBRB1020-MBR1040
100
0.1
1
10
100
0.1
0.01
0.1
1
10
100
REVERSE VOLTAGE. VOLTS
T, PULSE DURATION ,sec.
2 of 3
Revision: E
2017/12/01
Micro Commercial Components
M C C
R
www.mccsemi.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com