Electronic Components Datasheet Search
  English  ▼

X  

MBRB1040 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MBRB1040
Description  10 Amp Schottky Barrier Rectifier 20 to 200 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBRB1040 Datasheet(HTML) 1 Page - Micro Commercial Components

  MBRB1040 Datasheet HTML 1Page - Micro Commercial Components MBRB1040 Datasheet HTML 2Page - Micro Commercial Components MBRB1040 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MBRB1020
THRU
MBRB10200
10 Amp
Schottky
Barrier Rectifier
20 to 200 Volts
Features
Maximum Ratings
MCC
Catalog
Number
Maximum
Reccurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MBRB1030
30V
21V
30V
MBRB1035
35V
24.5V
35V
MBRB1040
40V
28V
40V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
I
F(AV)
10 A
T
L = 125
°C
Peak Forward Surge
Current
I
FSM
150A
8.3ms, half sine
Maximum
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
I
R
0.5mA
T
J = 25
°C
T
J = 25
°C
V
F
D
2-PAK
SUGGESTED SOLDER PAD LAYOUT
Inches
mm
.065
1.65
.330
8.38
.420
10.66
.120
3.05
.070
1.78
.740
18.79
MBRB1060
60V
42V
60V
C
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.320
.359
8.13
9.14
B
.380
.411
9.65
10.45
C
.160
.190
4.06
4.83
D
.020
.035
0.51
0.89
E
.045
.055
1.14
1.40
G
.083
.105
2.10
2.67
H
.096
.134
2.43
3.40
J
.014
.021
0.35
0.53
K
.090
.131
2.29
3.32
S
.575
.625
14.22
16.22
V
.045
.055
1.14
1.40
E
J
K
H
A
S
V
B
D
G
w
W
0
.006
0
0.15
1
2
•
Meatl of Silicon Rectifier, Majority Conducton
•
Guard ring for transient protection
•
Low Forward Voltage Drop and Low Power Loss
•
High Current Capability, High Efficiency
MBRB1020
20V
14V
20V
•
Operating Temperature: -65
°C to +125°C
•
Storage Temperature: -65
°C to +150°C
MBRB1050
50V
35V
50V
MBRB1080
80V
56V
80V
MBRB10100
100V
70V
100V
MBRB10150
150V
105V
150V
MBRB10200
200V
140V
200V
Instantaneous
Forward Voltage
MBRB1020~MBRB1040
MBRB1050~MBRB1060
MBRB1080~MBRB10100
MBRB10150
MBRB10200
.60V
.75V
.85V
.90V
.95V
I
FM = 10A;
junction to case
2.5
°C/W
•
Typical Thermal Resistance:
•
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
T
J = 125
°C
50mA
*Pulse Test: Pulse Width 300
µsec, Duty Cycle 1%
Notes: 1.
High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7.
1
2
Revision: E
2017/12/01
www.mccsemi.com
1 of 3
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Halogen free available upon request by adding suffix "-HF"
Micro Commercial Components
M C C
R
Micro Commercial Components
20736 Marilla Street Chatsworth
CA 91311
Phone:(818) 701-4933
Fax: (818) 701-4939


Similar Part No. - MBRB1040

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBRB1040CT MCC-MBRB1040CT Datasheet
90Kb / 2P
10 Amp Schottky Barrier Rectifier 30 to 45 Volts
logo
Galaxy Semi-Conductor H...
MBRB1040CT BILIN-MBRB1040CT Datasheet
337Kb / 2P
2SCHOTTKY BARRIER RECTIFIER
logo
Micro Commercial Compon...
MBRB1040CT MCC-MBRB1040CT Datasheet
247Kb / 3P
10 Amp Schottky Barrier Rectifier 30 to 60 Volts
logo
GOOD-ARK Electronics
MBRB1040CT GOOD-ARK-MBRB1040CT Datasheet
549Kb / 7P
Product Specification
logo
Surge Components
MBRB1040CT SURGE-MBRB1040CT Datasheet
380Kb / 5P
Schottky Barrier Rectifier
More results

Similar Description - MBRB1040

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR1020 MCC-MBR1020 Datasheet
141Kb / 2P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR20020 MCC-MBR20020 Datasheet
126Kb / 3P
200 Amp Rectifier 20 to 100 Volts Schottky Barrier
MBR20020CT MCC-MBR20020CT Datasheet
414Kb / 3P
200 Amp Rectifier 20 to 100 Volts Schottky Barrier
MBR1020FCT MCC-MBR1020FCT_10 Datasheet
259Kb / 3P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2020 MCC-MBR2020_09 Datasheet
107Kb / 3P
20 Amp Schottky Barrier Rectifier 20 to 200 Volts
logo
Kersemi Electronic Co.,...
MBR10100FCT KERSEMI-MBR10100FCT Datasheet
1Mb / 2P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRF1040CT KERSEMI-MBRF1040CT Datasheet
993Kb / 2P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
MBRBL20200CT MCC-MBRBL20200CT Datasheet
303Kb / 2P
20 Amp Schottky Barrier Rectifier 200 Volts
logo
New Jersey Semi-Conduct...
MBR20020CT NJSEMI-MBR20020CT Datasheet
47Kb / 1P
200 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
MBRB10200CTQ MCC-MBRB10200CTQ Datasheet
946Kb / 3P
10 Amp Schottky Barrier Rectifier 200 Volts
Rev.3-1-11252022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com