Electronic Components Datasheet Search
  English  ▼

X  

MBRB1545CT Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MBRB1545CT
Description  15 Amp Schottky Barrier Rectifier 20 to 100 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBRB1545CT Datasheet(HTML) 1 Page - Micro Commercial Components

  MBRB1545CT Datasheet HTML 1Page - Micro Commercial Components MBRB1545CT Datasheet HTML 2Page - Micro Commercial Components MBRB1545CT Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MBRB1520CT
THRU
MBRB15100C
T
15 Amp
Schottky
Barrier Rectifier
20 to 100 Volts
Features
•
Guard ring for transient protection
•
Low Power Loss
MCC
Catalog
Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MBRB1520CT
20V
14V
20V
MBRB1530CT
30V
21V
30V
MBRB1535CT
35V
24.5V
35V
MBRB1540CT
40V
28V
40V
MBRB1545CT
45V
31.5V
45V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
15 A
TC = 105
°C
Peak Forward Surge
Current
IFSM
150A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
1520CT-45CT
1560CT
VF
.84V
.75V
IFM = 15A;
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
*Pulse Test: Pulse Width 300
µsec, Duty Cycle 2%
MBRB15100CT
100V
70V
100V
MBRB1580CT
80V
56V
80V
MBRB1560CT
60V
42V
60V
1580CT-100CT
.92V
1.0mA
IR
0.1mA
TJ = 25
°C
15mA
50mA
1520CT-45CT
1520CT-45CT
1560CT
100mA
1580CT-100CT
1560CT-100CT
IFM = 7.5A
TJ = 25
°C
TJ = 125
°C
D
2-PAK
SUGGESTED SOLDER PAD LAYOUT
2 , 4
HEATSINK
1
3
C
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.320
.359
8.13
9.14
B
.380
.411
9.65
10.45
C
.160
.190
4.06
4.83
D
.020
.035
0.51
0.89
E
.045
.055
1.14
1.40
G
.095
.105
2.41
2.67
H
.096
.120
2.43
3.03
J
.014
.021
0.35
0.53
K
.090
.110
2.29
2.79
S
.575
.625
14.60
15.80
V
.045
.055
1.14
1.40
E
J
K
H
A
S
V
B
D
G
1
2
3
4
Inches
mm
.065
1.65
.330
8.38
.420
10.66
.120
3.05
.070
1.78
.740
18.79
www.mccsemi.com
1 of 3
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +175°C
•
Marking : type number
Notes: 1. High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7.
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
•
Halogen free available upon request by adding suffix "-HF"
Maximum Ratings
•
Low Forward Voltage Drop
•
High Current Capability, High Efficiency
Micro Commercial Components
20736 Marilla Street Chatsworth
CA 91311
Phone:(818) 701-4933
Fax: (818) 701-4939
Micro Commercial Components
M C C
R
Revision: D
2017/12/01


Similar Part No. - MBRB1545CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBRB1545CT MOTOROLA-MBRB1545CT Datasheet
110Kb / 6P
SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
logo
Diodes Incorporated
MBRB1545CT DIODES-MBRB1545CT Datasheet
46Kb / 2P
15a SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13015 Rev. B-2
logo
General Semiconductor
MBRB1545CT GE-MBRB1545CT Datasheet
100Kb / 2P
SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
MBRB1545CT MCC-MBRB1545CT Datasheet
100Kb / 2P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Diodes Incorporated
MBRB1545CT DIODES-MBRB1545CT Datasheet
358Kb / 3P
15A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13015 Rev. 5 - 2
More results

Similar Description - MBRB1545CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR1520 MCC-MBR1520 Datasheet
98Kb / 2P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR1520CT MCC-MBR1520CT Datasheet
105Kb / 2P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRB1520CT MCC-MBRB1520CT Datasheet
100Kb / 2P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR1520 MCC-MBR1520_08 Datasheet
101Kb / 3P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR1520CT MCC-MBR1520CT_08 Datasheet
115Kb / 3P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRB1520CT MCC-MBRB1520CT_11 Datasheet
479Kb / 3P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
SB1520 MCC-SB1520 Datasheet
485Kb / 3P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBR15100CT KERSEMI-MBR15100CT Datasheet
477Kb / 2P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
MBR1520 MCC-MBR1520_13 Datasheet
186Kb / 3P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR1520CT MCC-MBR1520CT_13 Datasheet
215Kb / 3P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com