Electronic Components Datasheet Search
  English  ▼

X  

DMP2022LSS Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMP2022LSS
Description  SINGLE P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP2022LSS Datasheet(HTML) 3 Page - Diodes Incorporated

  DMP2022LSS Datasheet HTML 1Page - Diodes Incorporated DMP2022LSS Datasheet HTML 2Page - Diodes Incorporated DMP2022LSS Datasheet HTML 3Page - Diodes Incorporated DMP2022LSS Datasheet HTML 4Page - Diodes Incorporated DMP2022LSS Datasheet HTML 5Page - Diodes Incorporated DMP2022LSS Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DMP2022LSS
Document number: DS31373 Rev. 6 - 2
3 of 6
www.diodes.com
December 2017
© Diodes Incorporated
DMP2022LSS
0
0.5
1.0
1.5
2.0
Fig. 1 Typical Output Characteristic
-V
, DRAIN-SOURCE VOLTAGE (V)
DS
0
5
10
15
20
25
30
Fig. 2 Typical Transfer Characteristics
0
5
10
15
20
25
30
0.5
1
1.5
2
2.5
-V
, GATE SOURCE VOLTAGE (V)
GS
V
= -5V
Pulsed
DS
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
-50
0
50
100
150
T , AMBIENT TEMPERATURE (C)
A
Fig. 3 Normalized Static Drain-Source On-Resistance
vs. Ambient Temperature
V
= -2.5V
I = -8.0A
GS
D
V
= -4.5V
I = -9.0A
GS
D
V
= -10V
I = -10A
GS
D
-25
25
75
125
-I , DRAIN CURRENT (A)
Fig. 4
D
On-Resistance vs. Drain Current and Gate Voltage
0.001
0.01
0.1
0.1
1
10
100
V
= -2.5V
GS
V
= -3.0V
GS
V
= -4.5V
GS
Fig. 5 Typical Total Capacitance
100
1,000
10,000
0
4
8
12
16
20
-V
, DRAIN-SOURCE VOLTAGE (V)
DS
C
iss
Coss
Crss
f = 1MHz
V
= 0V
GS
Fig. 6 Gate Threshold Variation vs. Ambient Temperature
0
0.2
0.4
0.6
0.8
1.0
-50
-25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (°C)
A
-
V
,
G
A
T
E
T
H
R
E
S
H
O
L
D
V
O
L
T
A
G
E
(
V
)
G
S
(
T
H
)
I = -250µA
D



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com