Electronic Components Datasheet Search
  English  ▼

X  

DMP2215L Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMP2215L
Description  P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP2215L Datasheet(HTML) 2 Page - Diodes Incorporated

  DMP2215L Datasheet HTML 1Page - Diodes Incorporated DMP2215L Datasheet HTML 2Page - Diodes Incorporated DMP2215L Datasheet HTML 3Page - Diodes Incorporated DMP2215L Datasheet HTML 4Page - Diodes Incorporated DMP2215L Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DMP2215L
Document number: DS31125 Rev. 9 - 3
2 of 5
www.diodes.com
December 2017
© Diodes Incorporated
DMP2215L
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
-20
V
Gate-Source Voltage
VGSS
±12
V
Drain Current (Note 5)
Steady
State
TA = +25C
TA = +70C
ID
-2.7
-2
A
Pulsed Drain Current (Note 6)
IDM
-8
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 5)
PD
1.08
W
Thermal Resistance, Junction to Ambient @TA = +25°C (Note 5)
RJA
115
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
-20
V
VGS = 0V, ID = -250μA
Zero Gate Voltage Drain Current
IDSS
-800
nA
VDS = -20V, VGS = 0V
On-State Drain Current
ID(ON)
-6

A
VDS ≤ -5V, VGS = -4.5V
-3

VDS ≤ -5V, VGS = -2.5V
Gate-Source Leakage
IGSS
80
nA
VGS = 12V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(TH)
-0.45
-1.25
V
VDS = VGS, ID = -250μA
Static Drain-Source On-Resistance
RDS(ON)
80
165
100
215
m
Ω
VGS = -4.5V, ID = -2.7A
VGS = -2.5V, ID = -2.0A
Forward Transfer Admittance
|Yfs|
4
S
VDS = -5V, ID = -2.7A
Diode Forward Voltage (Note 7)
VSD
-1.26
V
VGS = 0V, IS = -2.7A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
250
pF
VDS = -10V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
88
pF
Reverse Transfer Capacitance
Crss
58
pF
Gate Resistance
Rg

12
16
Ω
VGS = 0V, VDS = 0V, f = 1MHz
Total Gate Charge
Qg

4.3
5.3
nC
VGS = -4.5V, VDS = -10V,
ID = -2.7A
Gate-Source Charge
Qgs

0.9
Gate-Drain Charge
Qgd

2.1
Notes:
5. Device mounted on FR-4 PCB. t
≤5 sec.
6. Pulse width
≤10μS, Duty Cycle ≤1%.
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to product testing.
NOT RECOMMENDED FOR NEW DESIGN
USE DMP2120U



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com