Electronic Components Datasheet Search
  English  ▼

X  

DMP2225L Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMP2225L
Description  P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP2225L Datasheet(HTML) 2 Page - Diodes Incorporated

  DMP2225L Datasheet HTML 1Page - Diodes Incorporated DMP2225L Datasheet HTML 2Page - Diodes Incorporated DMP2225L Datasheet HTML 3Page - Diodes Incorporated DMP2225L Datasheet HTML 4Page - Diodes Incorporated DMP2225L Datasheet HTML 5Page - Diodes Incorporated DMP2225L Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMP2225L
Document number: DS31461 Rev. 7 - 3
2 of 6
www.diodes.com
December 2017
© Diodes Incorporated
DMP2225L
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
-20
V
Gate-Source Voltage
VGSS
±12
V
Continuous Drain Current (Note 6)
Steady
State
TA = +25°C
TA = +70°C
ID
-2.6
-2
A
Pulsed Drain Current (Note 7)
IDM
8
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 6)
PD
1.08
W
Thermal Resistance, Junction to Ambient @TA = +25°C (Note 6)
RθJA
115
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
-20
—
—
V
VGS = 0V, ID = -250µA
Zero Gate Voltage Drain Current
IDSS
—
—
-800
nA
VDS = -20V, VGS = 0V
On-State Drain Current
ID(ON)
-6
—
—
A
VDS ≤ -5V, VGS = -4.5V
-3
—
—
VDS ≤ -5V, VGS = -2.5V
Gate-Source Leakage
IGSS
—
—
±80
nA
VGS = ±12V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(TH)
-0.45
—
-1.25
V
VDS = VGS, ID = -250µA
Static Drain-Source On-Resistance
RDS(ON)
—
80
165
110
225
mΩ
VGS = -4.5V, ID = -2.6A
VGS = -2.5V, ID = -2.0A
Forward Transfer Admittance
|Yfs|
—
4
—
s
VDS = -5V, ID = -2.6A
Diode Forward Voltage (Note 7)
VSD
—
—
-1.26
V
VGS = 0V, IS = -2.6A
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
Ciss
—
250
—
pF
VDS = -10V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
—
88
—
pF
Reverse Transfer Capacitance
Crss
—
58
—
pF
Gate Resistance
Rg
—
12
16
Ω
VGS = 0V, VDS = 0V, f = 1MHz
Total Gate Charge
Qg
—
4.3
5.3
nC
VGS = -4.5V, VDS = -10V,
ID = -2.7A
Gate-Source Charge
Qgs
—
0.9
—
Gate-Drain Charge
Qgd
—
2.1
—
Notes:
6. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
7. Repetitive rating, pulse width limited by junction temperature.
8. Short duration pulse test used to minimize self-heating effect.
9. Guaranteed by design. Not subject to production testing.
NOT RECOMMENDED FOR NEW DESIGN
USE DMP2120U



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com