Electronic Components Datasheet Search
  English  ▼

X  

MIC28512 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC28512
Description  70V/2A Synchronous Buck Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC28512 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC28512 Datasheet HTML 1Page - Micrel Semiconductor MIC28512 Datasheet HTML 2Page - Micrel Semiconductor MIC28512 Datasheet HTML 3Page - Micrel Semiconductor MIC28512 Datasheet HTML 4Page - Micrel Semiconductor MIC28512 Datasheet HTML 5Page - Micrel Semiconductor MIC28512 Datasheet HTML 6Page - Micrel Semiconductor MIC28512 Datasheet HTML 7Page - Micrel Semiconductor MIC28512 Datasheet HTML 8Page - Micrel Semiconductor MIC28512 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MIC28512 Evaluation Board
70V/2A Synchronous Buck Regulator
Hyper Speed Control is a trademark and HyperLight Load is a registered trademark of Micrel, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
April 9, 2015
Revision 1.0
General Description
Micrel’s MIC28512 is a synchronous step-down regulator
featuring unique adaptive on-time control architecture with
integrated power MOSFETs. The MIC28512 operates over
an input supply range of 4.6V to 70V, and can be used to
supply up to 2A of output current. The output voltage is
adjustable down to 0.8V with a guaranteed accuracy of
±1% from 0°C to 85°C. The device operates with a
programmable
switching
frequency
from
200kHz
to
680kHz (nominal).
The MIC28512-1 uses the HyperLight Load
® architecture
to operate in pulse-skipping mode at light load while
functioning in fixed-frequency CCM mode from medium
load to heavy load. The MIC28512-2 utilizes Hyper Speed
Control
TM architecture, operating in fixed-frequency CCM
mode under all load conditions.
Datasheets and support documentation are available on
Micrel’s web site at: www.micrel.com.
Requirements
The MIC28512 evaluation board requires only a single
power supply with at least 5A current capability. For
applications where VIN is less than +5.5V, the internal LDO
can be bypassed by tying VDD to VIN.
Precautions
The MIC28512 evaluation board does not have reverse
polarity protection. Applying a negative voltage to the VIN
and GND terminals can damage the device. The maximum
VIN of the board is rated at 70V; exceeding 70V can
damage the device.
Ordering Information
Part Number
Description
MIC28512-1YML EV
MIC28512 Evaluation Board
MIC28512-2YML EV
Evaluation Board


Similar Part No. - MIC28512

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC28512 MICROCHIP-MIC28512 Datasheet
3Mb / 34P
70V, 2A Synchronous Buck Regulator
07/14/15
MIC28512-1YFL MICROCHIP-MIC28512-1YFL Datasheet
3Mb / 34P
70V, 2A Synchronous Buck Regulator
07/14/15
MIC28512-2YFL MICROCHIP-MIC28512-2YFL Datasheet
3Mb / 34P
70V, 2A Synchronous Buck Regulator
07/14/15
More results

Similar Description - MIC28512

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3843WMPBF IRF-IR3843WMPBF Datasheet
732Kb / 34P
HIGHLY EFFICIENT INTEGRATED 2A SYNCHRONOUS BUCK REGULATOR
logo
Intersil Corporation
ISL8502 INTERSIL-ISL8502 Datasheet
489Kb / 19P
2A Synchronous Buck Regulator with Integrated MOSFETs
June 29, 2010
logo
Alpha & Omega Semicondu...
AOZ1020 AOSMD-AOZ1020 Datasheet
539Kb / 15P
EZBuck??2A Synchronous Buck Regulator
AOZ1252 AOSMD-AOZ1252 Datasheet
570Kb / 13P
2A EZBuck??Synchronous Buck Regulator
logo
Micrel Semiconductor
MIC23451 MICREL-MIC23451 Datasheet
3Mb / 20P
3MHz, 2A Triple Synchronous Buck Regulator
logo
Microchip Technology
MIC28512 MICROCHIP-MIC28512 Datasheet
3Mb / 34P
70V, 2A Synchronous Buck Regulator
07/14/15
logo
Alpha & Omega Semicondu...
AOZ6622 AOSMD-AOZ6622 Datasheet
699Kb / 15P
EZBuckTM 2A Synchronous Buck Regulator
AOZ6662DI AOSMD-AOZ6662DI Datasheet
984Kb / 16P
EZBuckTM 2A Synchronous Buck Regulator
Rev. 1.2 January 2021
AOZ6682CI AOSMD-AOZ6682CI Datasheet
1Mb / 14P
EZBuck™ 2A Synchronous Buck Regulator
Rev. 1.2 May 2021
AOZ6762DI AOSMD-AOZ6762DI Datasheet
877Kb / 15P
EZBuckTM 2A 1.25MHz Synchronous Buck Regulator
Rev. 1.1 April 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com