Electronic Components Datasheet Search
  English  ▼

X  

SST12LP08A Datasheet(PDF) 1 Page - Silicon Storage Technology, Inc

Part # SST12LP08A
Description  2.4 GHz High-Power, High-Gain Power Amplifier Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST12LP08A Datasheet(HTML) 1 Page - Silicon Storage Technology, Inc

  SST12LP08A Datasheet HTML 1Page - Silicon Storage Technology, Inc SST12LP08A Datasheet HTML 2Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A Microchip Technology Company
©2011 Silicon Storage Technology, Inc.
DS75013A
07/11
Product Brief
www.microchip.com
Features
• High Gain:
– Typically 29 dB gain across 2.4~2.5 GHz over tempera-
ture -40°C to +85°C
• High linear output power (at 3.3V):
– >28 dBm P1dB
– ~2.5% added EVM up to 20 dBm for 54 Mbps 802.11g signal
– Meets 802.11g OFDM ACPR requirement up to 24 dBm
– Meets 802.11b ACPR requirement up to 23.5 dBm
• High power-added efficiency/Low operating cur-
rent for both 802.11g/b applications
– ~34% @ POUT = 24 dBm for 802.11g
– ~31% @ POUT = 23.5 dBm for 802.11b
• Low Shut-down Current (~2 µA)
• High temperature stability
– ~1 dB power variation between -40°C to +85°C
– ~3 dB gain variation between -40°C to +85°C
• Temperature and load insensitive on-chip power
detector
– 20 dB dynamic range
• Simple input/output matching
• Packages available
– 8-contact XSON – 2mm x 2mm x 0.45mm
• All devices are RoHS compliant
Applications
• WLAN (IEEE 802.11b/g/n)
• Home RF
• Cordless phones
• 2.4 GHz ISM wireless equipment
Block Diagram
Product Ordering
Valid combinations for SST12LP08A
SST12LP08A-QX8E
SST12LP08A Evaluation Kits
SST12LP08A-QX8E-K
Note: Valid combinations are those products in mass produc-
tion or will be in mass production. Consult your SST sales
representative to confirm availability of valid combinations
and to determine availability of new combinations.
RFIN
VCCB
VREF
DET
VCC1
VCC2
RFOUT
75013 B1.0
Bias Circuit
2.4 GHz High-Power, High-Gain Power Amplifier Module
SST12LP08A
The SST12LP08A is a versatile power amplifier based on the highly-reliable
InGaP/GaAs HBT technology. Easily configured for linear high-power applications
with excellent power-added efficiency while operating over the 2.4- 2.5 GHz fre-
quency band, it typically provides 29 dB gain with 34% power-added efficiency,
while meeting 802.11g spectrum mask at 24 dBm. The SST12LP08A also fea-
tures easy board-level usage along with high-speed power-up/down control
through a single combined reference voltage pin and is offered in an 8-contact
XSON package.


Similar Part No. - SST12LP08A

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST12LP08 SST-SST12LP08 Datasheet
1Mb / 18P
2.4 GHz High-Power, High-Gain Power Amplifier
More results

Similar Description - SST12LP08A

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST12LP15 SST-SST12LP15 Datasheet
193Kb / 12P
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP14A SST-SST12LP14A Datasheet
405Kb / 18P
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP07 SST-SST12LP07 Datasheet
509Kb / 14P
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP14C SST-SST12LP14C Datasheet
584Kb / 14P
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP18E SST-SST12LP18E Datasheet
236Kb / 2P
2.4 GHz High-Power, High-Gain Power Amplifier
logo
Microchip Technology
SST12LP19E MICROCHIP-SST12LP19E Datasheet
391Kb / 23P
2.4 GHz High-Power, High-Gain Power Amplifier
2013 05/13
logo
Silicon Storage Technol...
SST12LP08 SST-SST12LP08 Datasheet
1Mb / 18P
2.4 GHz High-Power, High-Gain Power Amplifier
logo
Microchip Technology
SST12LP07A-QXBE MICROCHIP-SST12LP07A-QXBE Datasheet
46Kb / 2P
2.4 GHz High-Power, High-Gain Power Amplifier
10/11
SST12LP17E MICROCHIP-SST12LP17E Datasheet
380Kb / 15P
2.4 GHz High-Efficiency, High-Gain Power Amplifier Module
10/14
logo
Silicon Storage Technol...
SST12LP14E SST-SST12LP14E Datasheet
34Kb / 2P
2.4 GHz High-Efficiency, High-Gain Power Amplifier Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com