Electronic Components Datasheet Search
  English  ▼

X  

ASI10494 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # ASI10494
Description  NPN SILICON RF POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

ASI10494 Datasheet(HTML) 1 Page - Advanced Semiconductor

  ASI10494 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS T
C = 25
OC
SYMBOL
TEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCBO
IC = 20 mA
65
V
BVCER
IC = 20 mA
RBE = 200
Ω
33
V
BVEBO
IE = 20 mA
3.5
V
ICBO
VCB = 30 V
2.0
mA
hFE
VCE = 5 V
IC = 1.0 A
20
200
---
COB
VCB = 28 V
f = 1.0 MHz
20
pF
PG
η
η c
VCE = 28 V
POUT = 20 W
f = 400 MHz
10
50
12
dB
%
NPN SILICON RF POWER TRANSISTOR
UMIL20
DESCRIPTION:
The
ASI UMIL20 is a Common Emitter
Device Designed for Class A , AB and
C Amplifier Applications in the 225 to
400 MHz Military Communications
Band.
FEATURES:
• Direct Replacement for MRF323
• P
G = 12 dB Typical at 400 MHz
• Omnigold™ Metalization System
MAXIMUM RATINGS
IC
2.5 A
VCBO
65 V
PDISS
35 W @ TC = 25
OC
TJ
-65
OC to +200 OC
TSTG
-65
OC to +150 OC
θθ
JC
5.0
OC/W
PACKAGE STYLE .280 4L STUD
1 = Collector
2 = Base
3 & 4 = Emitter
ORDER CODE: ASI10494


Similar Part No. - ASI10494

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
ASI10493 ASI-ASI10493 Datasheet
23Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results

Similar Description - ASI10494

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com