Electronic Components Datasheet Search
  English  ▼

X  

SP0504BAHTG Datasheet(PDF) 4 Page - Littelfuse

Part # SP0504BAHTG
Description  30pF 30kV Unidirectional TVS Array
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP0504BAHTG Datasheet(HTML) 4 Page - Littelfuse

  SP0504BAHTG Datasheet HTML 1Page - Littelfuse SP0504BAHTG Datasheet HTML 2Page - Littelfuse SP0504BAHTG Datasheet HTML 3Page - Littelfuse SP0504BAHTG Datasheet HTML 4Page - Littelfuse SP0504BAHTG Datasheet HTML 5Page - Littelfuse SP0504BAHTG Datasheet HTML 6Page - Littelfuse SP0504BAHTG Datasheet HTML 7Page - Littelfuse SP0504BAHTG Datasheet HTML 8Page - Littelfuse SP0504BAHTG Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
© 2017 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 02/23/17
TVS Diode Arrays (SPA®Diodes)
General Purpose ESD Protection - SP05 Series
Package Dimensions — SC70
P
e
HE
3
1
2
E
B
A1
A
D
C
L
0
N
M
A2
e
502
SP0502BAJTG - SC70-3
Package
SC70-3
Pins
3
JEDEC
MO-203
Millimeters
Inches
Min
Max
Min
Max
A
0.80
1.10
0.031
0.043
A1
0.00
0.10
0.00
0.004
A2
0.70
1.00
0.028
0.039
B
0.15
0.30
0.006
0.012
c
0.08
0.25
0.003
0.010
D
1.85
2.25
0.073
0.089
E
1.15
1.35
0.045
0.053
e
0.66 BSC
0.026 BSC
HE
2.00
2.40
0.079
0.094
L
0.26
0.46
0.010
0.018
O
P
N
M
e
5
4
1
2
3
L
E HE
c
B
A1
A
D
A2
504
e
SP0504BAJTG - SC70-5
Package
SC70-5
Pins
5
JEDEC
MO-203
Millimeters
Inches
Min
Max
Min
Max
A
0.80
1.10
0.031
0.043
A1
0.00
0.10
0.00
0.004
A2
0.70
1.00
0.028
0.039
B
0.15
0.30
0.006
0.012
c
0.08
0.25
0.003
0.010
D
1.85
2.25
0.073
0.089
E
1.15
1.35
0.045
0.053
e
0.65 BSC
0.026 BSC
HE
2.00
2.40
0.079
0.094
L
0.26
0.46
0.010
0.018
O
P
N
M
B
1
2
3
4
5
6
e
E
HE
c
L
A1
A
D
A2
e
505
SP0505BAJTG - SC70-6
Package
SC70-6
Pins
6
JEDEC
MO-203
Millimeters
Inches
Min
Max
Min
Max
A
0.80
1.10
0.031
0.043
A1
0.00
0.10
0.00
0.004
A2
0.70
1.00
0.028
0.039
B
0.15
0.30
0.006
0.012
c
0.08
0.25
0.003
0.010
D
1.85
2.25
0.073
0.089
E
1.15
1.35
0.045
0.053
e
0.65 BSC
0.026 BSC
HE
2.00
2.40
0.079
0.094
L
0.26
0.46
0.010
0.018
M
-
1.60
-
0.063
N
-
1.30
-
0.051
O
-
0.65
-
0.026
P
-
0.70
-
0.028
R
-
0.35
-
0.014
S
-
0.90
-
0.035
T
-
2.50
-
0.098
P
T
+
++
+
++
+
S (REF)
N (REF)
M (REF)
O (REF)
R
Recommended Pad Layout



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com