Electronic Components Datasheet Search
  English  ▼

X  

116BFZ-SFZ Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 116BFZ-SFZ
Description  Precision Rotative Transducers 360° Special Laws: Sine/Cosine
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

116BFZ-SFZ Datasheet(HTML) 2 Page - Vishay Siliconix

  116BFZ-SFZ Datasheet HTML 1Page - Vishay Siliconix 116BFZ-SFZ Datasheet HTML 2Page - Vishay Siliconix 116BFZ-SFZ Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Series 116 BFZ-SFZ
www.vishay.com
Vishay Sfernice
Revision: 26-Mar-15
2
Document Number: 54006
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Nothing stated herein shall be construed as a guarantee of quality or durability.
Note
• Special characteristics and designs on request
PERFORMANCE
Life (106 cycles)
 25 (servo)
 15 (bushing)
Temperature Range
-55 °C to +125 °C
Climatic Category
55/125/04
Speed Rotation (RPM)
600 (servo)
150 (bushing)
Sine Vibration on 3 Axes
1.5 mm or 20 g from 10 Hz to 2000 Hz
Mechanical Shocks on 3 Axes
50 g - 11 ms - half sine
TRIGONOMETRIC FUNCTIONS
DIMENSIONS in millimeters, general tolerance ± 0.5 mm
DIMENSIONS
A
+ 0
- 0.013
B
max.
C
max.
D
+ 0
- 0.013
E
± 0.1
F
min.
G
max.
H
min.
I
max.
J
+ 0
- 0.02
K
max.
N max.
(1 cup)
N max.
(2 cups)
mm
DESIGNATION
116 SF Z
3.175
16.6
27.05
24.608
1.6
1.5
24.8
4.5
17.3
-
-
18.5
35
116 BF Z
20
27.05
-
-
-
-
3
-
10.3
9.6
16.5
33
ORDERING INFORMATION/DESCRIPTION
ROT
116
S
F
Z
1
A
502
e1
SERIES
MODEL
MOUNTING
TYPE
CONDUCTOR
LAW
NUMBER
OF CUPS
CONFORMITY
OHMIC VALUE
LEAD FINISH
S: Servo
B: Bushing
F: Plastic
Z: Sine/
cosine
2 max.
A: ± 1 %
B: ± 0.5 %
First 2 digits are
significant numbers
3rd digit indicates
number of zeros
SAP PART NUMBERING GUIDELINES
RO 116SFZ
1
B
103
MODEL
GANG NUMBER
CONFORMITY
OHMIC VALUE
1 or 2
A or B
10 k
= COS
β
= SIN
∝
es
E
0°
≤Θ ≤ 360°
ec
E
+ E
- E
0
+ E
- E
ec
a = 0
∝
es
SIN
SINE/COSINE
OVER 360°
LAW Z
90°
COS
β = ∝ + 90°
θ
β
116 SF Z
116 BF Z
CD
A
B
H
N
G
F
E
1.6 ± 0.1
1
R = I MAX.
6
4
3
2
45°
45°
SIZE 11
5
1: POWER SUPPLY (+)
2: POWER SUPPLY (-)
3: WIPER (SINE)
4: WIPER (COSINE)
5: GROUND TAP (ON REQUEST)
6: GROUND TAP (ON REQUEST)
B
N
H
K
C
A
1.6
J
116 SF Z
116 BF Z
CD
A
B
H
N
G
F
E
1.6 ± 0.1
1
R = I MAX.
6
4
3
2
45°
45°
SIZE 11
5
1: POWER SUPPLY (+)
2: POWER SUPPLY (-)
3: WIPER (SINE)
4: WIPER (COSINE)
5: GROUND TAP (ON REQUEST)
6: GROUND TAP (ON REQUEST)
B
N
H
K
C
A
1.6
J



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com